Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6121D627MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6121D627MR
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6121D627MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6121D627MR Datasheet HTML 1Page - Torex Semiconductor XC6121D627MR Datasheet HTML 2Page - Torex Semiconductor XC6121D627MR Datasheet HTML 3Page - Torex Semiconductor XC6121D627MR Datasheet HTML 4Page - Torex Semiconductor XC6121D627MR Datasheet HTML 5Page - Torex Semiconductor XC6121D627MR Datasheet HTML 6Page - Torex Semiconductor XC6121D627MR Datasheet HTML 7Page - Torex Semiconductor XC6121D627MR Datasheet HTML 8Page - Torex Semiconductor XC6121D627MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
XC6121/XC6122
XC6123/XC6124 Series
Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
01
23
4
5
6
Input Voltage: VIN (V)
XC6121~XC6124(VDF=2.7V)
Ta=85℃
Ta=-40℃
Ta=25℃
■GENERAL DESCRIPTION
The XC6121/XC6122/XC6123/XC6124 series are groups of high-precision, low current consumption voltage detectors with
watchdog functions incorporating CMOS process technology. The series consist of a reference voltage source, delay circuit,
comparator, and output driver. With the built-in delay circuit, the XC6121/XC6122/XC6123/XC6124 series’ ICs do not require
any external components to output signals with release delay time. The output type is VDFL low when detected. With the
XC6121/XC6122/XC6123/XC6124 series’ ICs, the EN/ENB pin can control ON and OFF of the watchdog functions. By setting
the EN/ENB pin to low or high level, the watchdog function can be OFF while the voltage detector remains operation. Since
the EN/ENB pin of the XC6122 and XC6124 series is internally pulled up to the VIN pin or pulled down to the VSS pin, the ICs
can be used with the EN/ENB pin left open, when the watchdog functions is used. The detect voltages are internally fixed
1.6V ~ 5.0V in increments of 100mV, using laser trimming technology. Six watchdog timeout period settings are available in a
range from 50ms to 1.6s. Five release delay time settings are available in a range from 3.13ms to 400ms.
■FEATURES
Detect Voltage Range
: 1.6V ~ 5.0V, +2%
(100mV increments)
Hysteresis Width
: VDFL x 5% (TYP.)
Operating Voltage Range
: 1.0V ~ 6.0V
Detect Voltage Temperature
Characteristics
: +100ppm/OC (TYP.)
Output Configuration
: N-channel open drain
Watchdog Pin
: Watchdog input
If watchdog input maintains ‘H’
or ‘L’ within the watchdog
timeout period, a reset signal is
output from the RESETB pin.
EN/ENB Pin
: When the EN/ENB pin voltage is
set to low or high level, the
watchdog function is forced off.
Release Delay Time
: 400ms, 200ms, 100ms, 50ms,
3.13ms (TYP.)
Watchdog Timeout Period
: 1.6s, 800ms, 400ms, 200ms,
100ms, 50ms (TYP.)
Package
: SOT-25, USP-6C
■APPLICATIONS
●Microprocessor watchdog monitoring
and reset circuits
●Memory battery backup circuits
●System power-on reset circuits
●Power failure detection
■TYPICAL APPLICATION CIRCUIT ■TYPICAL PERFORMANCE
CHARACTERISTICS
●Supply Current vs. Input Voltage
ETR0209-009


Similar Part No. - XC6121D627MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121D616ER TOREX-XC6121D616ER Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121D616ER-G TOREX-XC6121D616ER-G Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121D616MR TOREX-XC6121D616MR Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121D616MR-G TOREX-XC6121D616MR-G Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121D650ER TOREX-XC6121D650ER Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
More results

Similar Description - XC6121D627MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XD6121 TOREX-XD6121 Datasheet
490Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com