Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QST508MU0 Datasheet(PDF) 9 Page - STMicroelectronics

Part # QST508MU0
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508MU0 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button QST508MU0 Datasheet HTML 5Page - STMicroelectronics QST508MU0 Datasheet HTML 6Page - STMicroelectronics QST508MU0 Datasheet HTML 7Page - STMicroelectronics QST508MU0 Datasheet HTML 8Page - STMicroelectronics QST508MU0 Datasheet HTML 9Page - STMicroelectronics QST508MU0 Datasheet HTML 10Page - STMicroelectronics QST508MU0 Datasheet HTML 11Page - STMicroelectronics QST508MU0 Datasheet HTML 12Page - STMicroelectronics QST508MU0 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
QST108
QST touch sensing technology
9/51
3.3
Faulty and unused keys
Any sensing channel that does not have its sense capacitor (CS) fitted is assumed to be
either faulty or unused. This channel takes no further part in operation unless a Master-
commanded recalibration operation shows it to have an in-range burst count again. Faulty,
unused or disabled keys are still bursted but not processed to avoid modifying the sensitivity
of active keys.
This is important for sensing channels that have an open or short circuit fault across CS.
Such channels would otherwise cause very long acquire bursts, and in consequence would
slow the operation of the entire QST device.
To optimize touch response time and device power consumption, if some keys are not used,
we recommend to try suppressing the ones which belong to the same burst. Bursts which
do not have any keys implemented will then not be processed.
3.4
Detection threshold levels
The key capacitance change induced by the presence of a finger is sensed by the variation
in the number of charge transfer pulses to load the capacitor. The difference in the pulse
count number is compared to a threshold in order to detect the key as pressed or not.
Two different thresholds, one for detection and one for the end of detection, create an
hysteresis in order to prevent erratic behavior.
The default threshold levels and hysteresis values are described in Section 6.6: Capacitive
sensing characteristics on page 35.
3.5
Detection integrator filter
The Detection Integrator (DI) filter mechanism works together with spread spectrum
operation to dramatically reduce the effects of noise on key states. The DI mechanism
requires a specified number of measurements that qualify as detections (and these must
occur in a row) or the detection will not be reported.
In a similar manner, the end of a touch (loss of signal) also has to be confirmed over several
measurements. It is called the End of Detection Integrator (EDI).
This process acts as a type of “debounce” mechanism against noise.
The default DI and EDI values for confirming start of touch and end of touch are described in
Section 6.6: Capacitive sensing characteristics on page 35.


Similar Part No. - QST508MU0

ManufacturerPart #DatasheetDescription
logo
Rohm
QST5 ROHM-QST5 Datasheet
69Kb / 3P
   Low frequency amplifier
QST5 ROHM-QST5 Datasheet
61Kb / 3P
   Low frequency amplifier
QST5TR ROHM-QST5TR Datasheet
61Kb / 3P
   Low frequency amplifier
More results

Similar Description - QST508MU0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
QST108 STMICROELECTRONICS-QST108 Datasheet
633Kb / 38P
   Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
QST104 STMICROELECTRONICS-QST104 Datasheet
454Kb / 45P
   Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
logo
Avia Semiconductor Co.,...
HX612 AVIA-HX612 Datasheet
55Kb / 1P
   Capacitive Touch Key Controller (over 25 keys)
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
   Capacitive Touch M-KEY Sensor
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821_09 Datasheet
661Kb / 55P
   8-channel capacitive touch key controller
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com