Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFX125C-4FE680C Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # LFX125C-4FE680C
Description  ispXPGA Family
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX125C-4FE680C Datasheet(HTML) 4 Page - Lattice Semiconductor

  LFX125C-4FE680C Datasheet HTML 1Page - Lattice Semiconductor LFX125C-4FE680C Datasheet HTML 2Page - Lattice Semiconductor LFX125C-4FE680C Datasheet HTML 3Page - Lattice Semiconductor LFX125C-4FE680C Datasheet HTML 4Page - Lattice Semiconductor LFX125C-4FE680C Datasheet HTML 5Page - Lattice Semiconductor LFX125C-4FE680C Datasheet HTML 6Page - Lattice Semiconductor LFX125C-4FE680C Datasheet HTML 7Page - Lattice Semiconductor LFX125C-4FE680C Datasheet HTML 8Page - Lattice Semiconductor LFX125C-4FE680C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 115 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
4
Figure 1. ispXPGA Block Diagram
Programmable Function Unit
The Programmable Function Unit (PFU) is the basic building block of the ispXPGA architecture. The PFUs are
arranged in rows and columns in the device with PFU (1,1) referring to (row 1, column 1). Each PFU consists of
four Configurable Logic Elements (CLEs), four Configurable Sequential Elements (CSEs), and a Wide Logic Gen-
erator (WLG). By utilizing these components, the PFU can implement a variety of functions. Table 3 lists some of
the function capabilities of the PFU.
There are 57 inputs to each PFU and nine outputs. The PFU uses 20 inputs for logic, and 37 inputs drive the con-
trol logic from which six control signals are derived for the PFU.
Table 3. Function Capability of ispXPGA PFU
Function
Capability
Look-up table
LUT-4, LUT-5, LUT-6
Wide logic functions
Up to 20 input logic functions
Multiplexing
2:1, 4:1, 8:1
Arithmetic logic
Dedicated carry chain and booth multiplication logic
Single-port RAM
16X1, 16X2, 16X4, 32X1, 32X2, 64X1
Double-port RAM
16X1, 16X2, 32X1
Shift register
8-bit shift registers (up to 32-bit shift capability)
PFU
PIC
sysHSI Block
sysCLOCK PLL
sysIO Buffer
sysMEM Block


Similar Part No. - LFX125C-4FE680C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFX125C-4F900C LATTICE-LFX125C-4F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX125C-4F900I LATTICE-LFX125C-4F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
More results

Similar Description - LFX125C-4FE680C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
   The ispXPGA architecture
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com