Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6585D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6585D
Description  Combo IC for PFC and ballast control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6585D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6585D Datasheet HTML 4Page - STMicroelectronics L6585D Datasheet HTML 5Page - STMicroelectronics L6585D Datasheet HTML 6Page - STMicroelectronics L6585D Datasheet HTML 7Page - STMicroelectronics L6585D Datasheet HTML 8Page - STMicroelectronics L6585D Datasheet HTML 9Page - STMicroelectronics L6585D Datasheet HTML 10Page - STMicroelectronics L6585D Datasheet HTML 11Page - STMicroelectronics L6585D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
L6585D
8/25
4
Electrical characteristics
VCC = 15V, TA = 25°C, CL = 1nF, COSC = 470pF, RRUN = 47K, unless otherwise specified
Table 4.
Electrical characteristics
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Supply voltage
Vcc
VCC
Operating range
After turn-on
11
16
V
VCC(on)
VCC
Turn-on threshold
(1)
13.6
14.3
15
V
VCC(OFF)
VCC
Turn-off threshold
(1)
9.6
10.3
11
V
VZ
VCC
Zener Voltage
Icc = 20mA
16.2
17.2
17.7
V
Supply current
IST-UP
VCC
Start-up current
Before turn-on @ 13V
250
370
µA
ICC
VCC
Operating supply current
7
mA
Iq
VCC
Residual current
IC latched
370
µA
PFC section – multiplier input
IMULT
MULT
Input bias current
VMULT = 0
-1
µA
VMULT
MULT
Linear operation range
VCOMP = 3V
0 to 3
V
VCS
VMULT
MULT
Output max. slope
VMULT = 0 to 1V,
VCOMP = Upper clamp
0.75
V/V
KM
MULT
Gain
VMULT = 1V, VCOMP= 3V
0.52
1/V
PFC section – error amplifier
VINV
INV
Voltage feedback input
threshold
2.45
2.5
2.55
V
INV
Line regulation
VCC = 10.3V to 16V
50
mV
IINV
INV
Input bias current
-1
µA
Gv
INV
Voltage gain
Open loop (2)
60
80
dB
GB
INV
Gain-bandwidth product
(2)
1MHz
ICOMP
COMP
Source current
VCOMP = 4V, VINV = 2.4 V
-2.6
mA
Sink current
VCOMP = 4V, VINV = 2.6 V
4
mA
VCOMP
COMP
Upper clamp voltage
ISOURCE = 0.5 mA
4.2
V
Lower clamp voltage
ISINK = 0.5 mA
2.25
V
VDIS
INV
Open loop detection
threshold
CTR > 3.4
1.2
V
COMP
Static OVP threshold
2.1
2.25
2.4
V


Similar Part No. - L6585D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
   PFC and Ballast Control IC
L6585DE STMICROELECTRONICS-L6585DE Datasheet
2Mb / 33P
   Combo IC for PFC and ballast control
L6585DETR STMICROELECTRONICS-L6585DETR Datasheet
2Mb / 33P
   Combo IC for PFC and ballast control
L6585DTR STMICROELECTRONICS-L6585DTR Datasheet
160Kb / 9P
   PFC and Ballast Control IC
More results

Similar Description - L6585D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6585D-230V STMICROELECTRONICS-EVAL6585D-230V Datasheet
129Kb / 6P
   Combo IC for PFC and ballast control
November 2006 Rev 1
L6585DE STMICROELECTRONICS-L6585DE Datasheet
2Mb / 33P
   Combo IC for PFC and ballast control
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
   PFC and Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com