Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6701B2JL Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6701B2JL
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701B2JL Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6701B2JL Datasheet HTML 7Page - Torex Semiconductor XC6701B2JL Datasheet HTML 8Page - Torex Semiconductor XC6701B2JL Datasheet HTML 9Page - Torex Semiconductor XC6701B2JL Datasheet HTML 10Page - Torex Semiconductor XC6701B2JL Datasheet HTML 11Page - Torex Semiconductor XC6701B2JL Datasheet HTML 12Page - Torex Semiconductor XC6701B2JL Datasheet HTML 13Page - Torex Semiconductor XC6701B2JL Datasheet HTML 14Page - Torex Semiconductor XC6701B2JL Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11/32
XC6701
Series
■ OPERATIONAL EXPLANATION
<Output Voltage Control>
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The
P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal.
The output
voltage at the VOUT pin is controlled and stabilized by a system of negative feedback.
The current limit circuit and short
protect circuit operate in relation to the level of output current and heat dissipation.
Further, the IC’s internal circuitry can
be shutdown via the CE pin’s signal.
<Short-Circuit Protection>
The XC6701 series includes a current fold-back circuit as a short circuit protection.
When the load current reaches the
current limit level, the current fold-back circuit operates and output voltage drops.
The output voltage drops further and
output current decreases.
When the output pin is shorted, a current of about 30mA flows.
<CE Pin>
The IC’s internal circuitry can be shutdown via the signal from the CE pin with the XC6701B series.
In shutdown mode,
output at the VOUT pin will be pulled down by R1 and R2 to the VSS level.
Note that as the XC6701B series’ operations will
become unstable with the CE pin open.
We suggest that you use this IC with either a VIN voltage or a VSS voltage input at
the CE pin.
If this IC is used with the correct specifications for the CE pin, the operational logic is fixed and the IC will
operate normally.
However, supply current may increase as a result of through current in the IC’s internal circuitry if a
medium voltage is applied.
<Thermal Shutdown>
When the junction temperature of the built-in driver transistor reaches the temperature limit level (150
℃ TYP.), the thermal
shutdown circuit operates and the driver transistor will be set to OFF.
The IC resumes its operation when the thermal
shutdown function is released and the IC’s operation is automatically restored because the junction temperature drops to
the level of the thermal shutdown release voltage.
<Minimum Operating Voltage>
For the stable operation of the IC, over 2.0V of input voltage is necessary.
The output voltage may not be generated
normally if the input voltage is less than 2.0V.
1
. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2
. Where wiring impedance is high, operations may become unstable due to the noise and/or phase lag depending on output
current.
Please strengthen VIN and VSS wiring in particular.
3.
Phase compensation inside the IC is performed in the XC6701 series. Therefore, an abnormal oscillation does not occur
even if there is no output capacitor CL.
An input capacitor CIN around 0.1
μF~1.0μF between the VIN pin and the VSS pin
is required for input stability.
Also, the output voltage fluctuation such as under shoot or over shoot, which occurs
because of the load change can be controlled by placing the output capacitor CL around 0.1
μF~1.0μF between the VOUT
pin and VSS pin.
The input capacitor (CIN) and the output capacitor (CL) should be placed to the IC as close as possible
with a shorter wiring.
4.
When the IC is operated with no load, the output voltage may increase in the high temperature beyond operating
range.
■ NOTES ON USE
R1
R2


Similar Part No. - XC6701B2JL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701B252ER TOREX-XC6701B252ER Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B252ER TOREX-XC6701B252ER Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B252ER-G TOREX-XC6701B252ER-G Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B252ER-G TOREX-XC6701B252ER-G Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B252FR TOREX-XC6701B252FR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results

Similar Description - XC6701B2JL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com