Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMDZ106W Datasheet(PDF) 2 Page - SunLED Corporation

Part # ZMDZ106W
Description  APOLLO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDZ106W Datasheet(HTML) 2 Page - SunLED Corporation

  ZMDZ106W Datasheet HTML 1Page - SunLED Corporation ZMDZ106W Datasheet HTML 2Page - SunLED Corporation ZMDZ106W Datasheet HTML 3Page - SunLED Corporation ZMDZ106W Datasheet HTML 4Page - SunLED Corporation ZMDZ106W Datasheet HTML 5Page - SunLED Corporation ZMDZ106W Datasheet HTML 6Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Part Number:
ZMDZ106W
Published Date : FEB 23, 2008
Drawing No : SDSA6160
V1
Checked : B.L.LIU
P. 2/6
APOLLO
www.SunLED.com
Parameter
Symbol
Value
Unit
Power Dissipation
Pt
1.62
mW
Junction Temperature
TJ
110
°C
Operating Temperature
Top
-40 To +100
°C
Storage Temperature
Tstg
-40 To +100
°C
DC Forward Current [1]
IF
500
mA
Peak Forward Current [3]
IFM
700
mA
Thermal Resistance [1]
Rth j-slug
12
°C/W
Iron Soldering [4]
350°C For 3 Seconds
8000
V
Electrostatic Discharge Threshold (HBM)
Absolute Maximum Ratings at TA=25°C
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=500mA)[1]
cd
Viewing
Angle
2
θ 1/2 [2]
min.
typ.
ZMDZ106W
Reddish-Orange
AlGalnP
Water Clear
12
17
100
°
Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Value
Unit
Wavelength at peak emission IF=500mA
[Typ.]
λ peak
628
nm
Dominant Wavelength IF=500mA
[Typ.]
λ dom
623
nm
Spectral bandwidth at 50%
Φ REL MAX
IF=500mA
[Typ.]
Δλ
22
nm
Forward Voltage (IF=500mA)
[Min.]
VF
2.4
V
Forward Voltage (IF=500mA)
[Typ.]
3.0
Forward Voltage (IF=500mA)
[Max.]
3.6
Temperature coefficient of λ peak
IF=350mA, -10°C≤ T≤100°C
[Typ.]
TC λ peak
0.08
nm/°C
Temperature coefficient of λ dom
IF=350mA, -10°C≤ T≤100°C
[Typ.]
TC λ dom
0.03
nm/°C
Temperature coefficient of VF
IF=350mA, -10°C≤ T≤100°C
[Typ.]
TCV
-2.8
mV/°C
Notes:
1.Metal Core PCB is mounted on the heat Fins.
2.
θ 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
3.1/10 Duty Cycle, 0.1ms Pulse Width.
4. 1.29mm below package base.


Similar Part No. - ZMDZ106W

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ZMD-SX-F-W ETA-USA-ZMD-SX-F-W Datasheet
2Mb / 4P
   100W Both ITE & Medical Approvals
logo
Red Lion Controls. Inc
ZMD0250B REDLION-ZMD0250B Datasheet
846Kb / 2P
   Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
ZMD0250B REDLION-ZMD0250B Datasheet
846Kb / 2P
   Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
ZMD0500B REDLION-ZMD0500B Datasheet
846Kb / 2P
   Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
ZMD0500B REDLION-ZMD0500B Datasheet
846Kb / 2P
   Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
More results

Similar Description - ZMDZ106W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDH106W SUNLED-ZMDH106W Datasheet
284Kb / 6P
   APOLLO
ZMDH95W SUNLED-ZMDH95W Datasheet
238Kb / 5P
   APOLLO
logo
List of Unclassifed Man...
VT8501 ETC-VT8501 Datasheet
243Kb / 17P
   APOLLO MVP4
logo
Texas Instruments
TPS65094 TI1-TPS65094_19 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
logo
Axiomtek Co., Ltd.
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
   IntelR CeleronR processor N3350 (Apollo Lake)
logo
Texas Instruments
TPS650941 TI1-TPS650941 Datasheet
138Kb / 7P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094 TI1-TPS65094 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094_J1 TI1-TPS65094_J1 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
logo
Lanner All Rights Reser...
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312 Datasheet
310Kb / 1P
   IntelR PentiumR processor N4200 & CeleronR processor N3350 (Apollo Lake)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com