Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C2802048LL-70T Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V62C2802048LL-70T
Description  Ultra Low Power 256K x 8 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C2802048LL-70T Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V62C2802048LL-70T Datasheet HTML 1Page - Mosel Vitelic, Corp V62C2802048LL-70T Datasheet HTML 2Page - Mosel Vitelic, Corp V62C2802048LL-70T Datasheet HTML 3Page - Mosel Vitelic, Corp V62C2802048LL-70T Datasheet HTML 4Page - Mosel Vitelic, Corp V62C2802048LL-70T Datasheet HTML 5Page - Mosel Vitelic, Corp V62C2802048LL-70T Datasheet HTML 6Page - Mosel Vitelic, Corp V62C2802048LL-70T Datasheet HTML 7Page - Mosel Vitelic, Corp V62C2802048LL-70T Datasheet HTML 8Page - Mosel Vitelic, Corp V62C2802048LL-70T Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
V62C2802048L(L)
Ultra Low Power
256K x 8 CMOS SRAM
Features
• Low-power consumption
- Active: 35mA at 55ns
- Stand-by: 10
µA (CMOS input/output)
2
µA CMOS input/output, L version
• Single +2.2 to 2.7V Power Supply_Typical
• Extented Voltage from 2.2 to 3.6V.
• Equal access and cycle time
• 55/70/85/100 ns access time
• Easy memory expansion with CE1, CE2
and OE inputs
• 1.0V data retention mode
• TTL compatible, Tri-state input/output
• Automatic power-down when deselected
• Package available: 32L TSOP(I)/ STSOP(I)
• 48 Ball CSP_BGA
Functional Description
The V62C2802048L is a low power CMOS Static RAM
organized as 262,144 words by 8 bits. Easy memory exp-
ansion is provided by an active LOW CE1, an active
HIGH CE2, an active LOW OE, and Tri-state I/O’s. This
device has an automatic power-down mode feature when
deselected.
Writing to the device is accomplished by taking Chip
Enable 1 (CE1) with Write Enable (WE) LOW, and Chip
Enable 2 (CE2) HIGH. Reading from the device is per-
formed by taking Chip Enable 1 (CE1) with Output
Enable (OE) LOW while Write Enable (WE) and Chip
Enable 2 (CE2) is HIGH. The I/O pins are placed in a
high-impedance state when the device is deselected: the
outputs are disabled during a write cycle.
TheV62C2802048LL comes with a 1V data retention fe-
ature and Lower Standby Power. The V62C2802048L is
avalable in a 32-pin 8 x 20 mm TSOP1 / STSOP 8x13.4 mm
and CSP type 48-fpBGA packages.
32-Pin TSOP1 / STSOP (CSP_BGA See next page)
Logic Block Diagram
Cell Array
INPUT BUFFER
COLUMN DECODER
CONTROL
CIRCUIT
I/O8
I/O1
OE
WE
CE1
CE2
A8
A7
A6
A5
A4
A3
A2
A1
A0
A9
A10
A11
A12
A13
A14
A15
A16 A17
1
2
3
4
5
6
7
8
9
16
15
14
13
12
11
10
A8
A9
A11
A13
WE
CE2
A15
Vcc
A17
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
17
18
19
20
21
22
23
CE1
A10
OE
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
REV. 1.2 May 2001 V62C2802048L(L)
1


Similar Part No. - V62C2802048LL-70T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C2801024L-100T MOSEL-V62C2801024L-100T Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C2801024L-100V MOSEL-V62C2801024L-100V Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C2801024L-150T MOSEL-V62C2801024L-150T Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C2801024L-150V MOSEL-V62C2801024L-150V Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results

Similar Description - V62C2802048LL-70T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L MOSEL-V62C3802048L Datasheet
102Kb / 12P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006 BSI-BS62UV2006 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
logo
Lyontek Inc.
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com