Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5383 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5383
Description  2 Phase Buck Controller with Integrated Gate Drivers and AVP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5383 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5383 Datasheet HTML 1Page - ON Semiconductor NCP5383 Datasheet HTML 2Page - ON Semiconductor NCP5383 Datasheet HTML 3Page - ON Semiconductor NCP5383 Datasheet HTML 4Page - ON Semiconductor NCP5383 Datasheet HTML 5Page - ON Semiconductor NCP5383 Datasheet HTML 6Page - ON Semiconductor NCP5383 Datasheet HTML 7Page - ON Semiconductor NCP5383 Datasheet HTML 8Page - ON Semiconductor NCP5383 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCP5383
http://onsemi.com
3
Figure 2. Typical Application Schematic
COMP
VDRP
CS1
CSN
CS2
VFB
ROSC
ILIM
PG
SS
24
2
1
5
7
6
8
9
10
11
12
4
16
17
15
14
13
AGND
20
19
21
22
23
18
3
EN
PGND2
BG2
SWN2
TG2
BST2
PGND1
BG1
SWN1
TG1
BST1
VCCP
VCC
NCP5383
Vcore
VCC
VCCP
12 V
5 V
VCCP
VCC
Vcore


Similar Part No. - NCP5383

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
More results

Similar Description - NCP5383

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
NCP81278 ONSEMI-NCP81278 Datasheet
199Kb / 13P
   Compact 2-Phase Synchronous Buck Controller with Integrated Gate Drivers and PWM VID Interface
May, 2016 ??Rev. 3
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
   Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
logo
Texas Instruments
LM3754 TI-LM3754_15 Datasheet
1Mb / 47P
[Old version datasheet]   Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
logo
ON Semiconductor
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com