Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6712STRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF6712STRPBF
Description  DirectFET TM Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6712STRPBF Datasheet(HTML) 9 Page - International Rectifier

  IRF6712STRPBF Datasheet HTML 1Page - International Rectifier IRF6712STRPBF Datasheet HTML 2Page - International Rectifier IRF6712STRPBF Datasheet HTML 3Page - International Rectifier IRF6712STRPBF Datasheet HTML 4Page - International Rectifier IRF6712STRPBF Datasheet HTML 5Page - International Rectifier IRF6712STRPBF Datasheet HTML 6Page - International Rectifier IRF6712STRPBF Datasheet HTML 7Page - International Rectifier IRF6712STRPBF Datasheet HTML 8Page - International Rectifier IRF6712STRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF6712SPbF
www.irf.com
9
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.07/08
DirectFET
™ Tape & Reel Dimension (Showing component orientation).
Loaded Tape Feed Direction
MIN
7.90
3.90
11.90
5.45
4.00
5.00
1.50
1.50
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
MAX
0.319
0.161
0.484
0.219
0.165
0.205
N.C
0.063
MIN
0.311
0.154
0.469
0.215
0.158
0.197
0.059
0.059
MAX
8.10
4.10
12.30
5.55
4.20
5.20
N.C
1.60
DIMENSIONS
METRIC
IMPERIAL
STANDARD OPTION (QTY 4800)
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
METRIC
IMPERIAL
TR1 OPTION (QTY 1000)
IMPERIAL
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6712TRPBF). For 1000 parts on 7"
reel, order IRF6712TR1PBF
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


Similar Part No. - IRF6712STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6712STRPBF IRF-IRF6712STRPBF Datasheet
626Kb / 9P
   DirectFET Power MOSFET
IRF6712STRPBF IRF-IRF6712STRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6712STRPbF IRF-IRF6712STRPbF Datasheet
288Kb / 9P
   DirectFET Power MOSFET
More results

Similar Description - IRF6712STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
250Kb / 9P
   DirectFET TM Power MOSFET
IRF6626 IRF-IRF6626 Datasheet
632Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TRPBF IRF-IRF6641TRPBF_07 Datasheet
244Kb / 9P
   DirectFET TM Power MOSFET
IRF6713SPBF IRF-IRF6713SPBF Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6720S2TRPBF IRF-IRF6720S2TRPBF Datasheet
232Kb / 10P
   DirectFET TM Power MOSFET
IRF6641TR1PBF IRF-IRF6641TR1PBF Datasheet
250Kb / 9P
   DirectFET TM MOSFET
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com