Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3822AMPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3822AMPBF
Description  HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3822AMPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3822AMPBF_1 Datasheet HTML 3Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 4Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 5Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 6Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 7Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 8Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 9Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 10Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
03/07/08
7
PD-60345
IR3822AMPbF
TYPICAL OPERATING CHARACTERISTICS (-40oC - 125oC)
Icc(static)
7.0
8.0
9.0
10.0
11.0
12.0
13.0
-40
-20
0
20
40
60
80
100
120
Tem p[oC]
Ic(static)
2.0
3.0
4.0
5.0
6.0
7.0
-40
-20
0
20406080
100
120
Tem p[oC]
Icc(dynam ic)
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-40
-20
0
20406080
100
120
Tem p[oC]
Ic(dynam ic)
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-40
-20
0
20
406080
100
120
Tem p[oC]
Vfb
585.0
590.0
595.0
600.0
605.0
-40
-20
0
20
40
60
80
100
120
Tem p[oC]
ISS
15.0
17.0
19.0
21.0
23.0
25.0
27.0
-40
-20
0
20
40
60
80
100
120
Tem p[oC]
Transconductance
1.00
1.10
1.20
1.30
1.40
1.50
1.60
-40
-20
0
20
40
60
80
100
120
Tem p[oC]
IOCSET
15.0
17.0
19.0
21.0
23.0
25.0
-40
-20
0
20
40
60
80
100
120
Tem p[oC]


Similar Part No. - IR3822AMPBF_1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3822AMPBF_1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com