Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A13BEL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6601A13BEL
Description  Low Voltage Input LDO Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A13BEL Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6601A13BEL Datasheet HTML 2Page - Torex Semiconductor XC6601A13BEL Datasheet HTML 3Page - Torex Semiconductor XC6601A13BEL Datasheet HTML 4Page - Torex Semiconductor XC6601A13BEL Datasheet HTML 5Page - Torex Semiconductor XC6601A13BEL Datasheet HTML 6Page - Torex Semiconductor XC6601A13BEL Datasheet HTML 7Page - Torex Semiconductor XC6601A13BEL Datasheet HTML 8Page - Torex Semiconductor XC6601A13BEL Datasheet HTML 9Page - Torex Semiconductor XC6601A13BEL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6/32
XC6601 Series
E-0
E-0
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
NOMINAL
OUTPUT
VOLTAGE (V)
VOUT
NOMINAL
OUTPUT
VOLTAGE (V)
VOUT
VOUT(T)
MIN.
MAX.
VOUT(T)
MIN.
MAX.
0.70
0.680
0.720
1.30
1.280
1.320
0.75
0.730
0.770
1.35
1.330
1.370
0.80
0.780
0.820
1.40
1.380
1.420
0.85
0.830
0.870
1.45
1.430
1.470
0.90
0.880
0.920
1.50
1.480
1.520
0.95
0.930
0.970
1.55
1.530
1.570
1.00
0.980
1.020
1.60
1.580
1.620
1.05
1.030
1.070
1.65
1.630
1.670
1.10
1.080
1.120
1.70
1.680
1.720
1.15
1.130
1.170
1.75
1.730
1.770
1.20
1.180
1.220
1.80
1.780
1.820
1.25
1.230
1.270
PARAMETER
SYNBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
Temperature
Characteristics
△VOUT/
△Topr・VOUT
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V ,
IOUT=30mA,
- 40℃≦ Topr ≦85℃
-
±100
-
ppm/℃
Limit Current
ILIM
VOUT=VOUT(E)×0.95,
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V
400
550
-
mA
Short Current
ISHORT
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V,
VOUT=0V
-
80
-
mA
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
125
-
Hysteresis Width
TTSD−TTSR
-
25
-
CL Auto-Discharge
Resistance
Rdischg
VBIAS=3.6V, VIN= VOUT(T)+0.3V,
VCE= VSS, VOUT=VOUT(T)
290
430
610
Ω
CE "H" Level Voltage
VCEH
VBIAS=3.6V, VIN= VOUT(T)+0.3V
0.75
-
6.0
V
CE "L" Level Voltage
VCEL
VBIAS=3.6V, VIN= VOUT(T)+0.3V
-
-
0.16
V
CE "H" Level Current
(A Series)
2.4
-
8.0
CE "H" Level Current
(B Series)
ICEH
VBIAS=VCE=6.0V,
VIN=VOUT(T)+0.3V
-0.1
-
0.1
μA
CE "L" Level Current
ICEL
VBIAS=6.0V, VCE=VSS
VIN=VOUT(T)+0.3V
-0.1
-
0.1
μA
■OUTPUT VOLTAGE CHART
NOTE:
* 1: Please use Bias voltage VBIAS within the range VBIAS –VOUT(E)
(*3)≧1.2V
* 2: Please use Input voltage VIN within the range VIN≦VBIAS
* 3: VOUT(E) = Effective output voltage (Refer to the voltage chart E-0 and E-1)
* 4: VOUT (T) = Specified output voltage
* 5: E-0 = Please refer to the table named OUTPUT VOLTAGE CHART
* 6: E-1 = Please refer to the table named DROPOUT VOLTAGE CHART
* 7: Vdif = {VIN1
(*8)-VOUT1(*9)}.
* 8: VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased.
* 9: VOUT1 = A voltage equal to 98% of the output voltage while maintaining an amply stabilized output voltage when VIN=VBIAS at VBIAS<3.0V, and
VIN=3.0V at VBIAS≧3.0V is input to the VIN pin.
* 10:
IBIASMAX = A supply current at the VBIAS pin providing for the output current (IOUT) .
■ELECTRICAL CHARACTERISTICS (Continued)
Ta=25 ℃


Similar Part No. - XC6601A13BEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A121ER TOREX-XC6601A121ER Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A121ER-G TOREX-XC6601A121ER-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A121MR TOREX-XC6601A121MR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A121MR-G TOREX-XC6601A121MR-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A121PR TOREX-XC6601A121PR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
More results

Similar Description - XC6601A13BEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com