Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3820MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3820MPBF
Description  HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3820MPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3820MPBF Datasheet HTML 1Page - International Rectifier IR3820MPBF Datasheet HTML 2Page - International Rectifier IR3820MPBF Datasheet HTML 3Page - International Rectifier IR3820MPBF Datasheet HTML 4Page - International Rectifier IR3820MPBF Datasheet HTML 5Page - International Rectifier IR3820MPBF Datasheet HTML 6Page - International Rectifier IR3820MPBF Datasheet HTML 7Page - International Rectifier IR3820MPBF Datasheet HTML 8Page - International Rectifier IR3820MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
01/08/08
1
PD-60329
IR3820MPbF
HIGHLY INTEGRATED 12A
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Features
Wide Input Voltage Range 2.5V to 21V
Wide Output Voltage Range 0.6V to 12V
Continuous 12A Load Capability
600kHz High Frequency Operation
Programmable Over-Current Protection
Programmable PGood Output
Hiccup Current Limit
Precision Reference Voltage (0.6V)
Programmable Soft-Start
Pre-Bias Start-up
Thermal Protection
Thermally Enhanced Package
Small Size 5mmx6mm QFN
Pb-Free (RoHS Compliant)
Fig. 1. Typical application diagram
Description
The IR3820 SupIRBuckTM is an easy-to-use, fully
integrated and highly efficient DC/DC regulator.
The onboard switching controller and MOSFETs
make the IR3820 a space-efficient solution,
providing accurate power delivery for low output
voltage applications.
The IR3820 operates from a single 4.5V to 14V
input supply and generates an output voltage
adjustable from 0.6V to 0.75*Vin at loads up to
12A.
A versatile regulator offering programmability of
startup time, power good threshold and current
limit,
the
IR3820’s
fixed
600kHz
switching
frequency allows the use of small external
components.
The IR3820 also features important protection
functions, such as Pre-Bias startup, hiccup
current limit and thermal shutdown to provide the
required system level security in the event of fault
conditions.
Applications
Distributed Point-of-Loads
Server and Workstations
Embedded Systems
Storage Systems
DDR Applications
Graphics Cards
Game Consoles
Computing Peripheral Voltage Regulators
SupIRBuckTM


Similar Part No. - IR3820MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3820MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MPBF IRF-IR3876MPBF Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com