Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMDKVG56W Datasheet(PDF) 5 Page - SunLED Corporation

Part # ZMDKVG56W
Description  3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKVG56W Datasheet(HTML) 5 Page - SunLED Corporation

  ZMDKVG56W Datasheet HTML 1Page - SunLED Corporation ZMDKVG56W Datasheet HTML 2Page - SunLED Corporation ZMDKVG56W Datasheet HTML 3Page - SunLED Corporation ZMDKVG56W Datasheet HTML 4Page - SunLED Corporation ZMDKVG56W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Published Date : JAN 24, 2008
Drawing No : SDSA6131
V1
Checked : B.L.LIU
P.5/5
Part Number:
ZMDKVG56W
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
ZMDKVG56W


Similar Part No. - ZMDKVG56W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKVG54W-4 SUNLED-ZMDKVG54W-4 Datasheet
215Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
ZMDKVG55W-7 SUNLED-ZMDKVG55W-7 Datasheet
218Kb / 5P
   3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
ZMDKVG55W-8 SUNLED-ZMDKVG55W-8 Datasheet
223Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
ZMDKVG57W SUNLED-ZMDKVG57W Datasheet
228Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
ZMDKVG57W-1 SUNLED-ZMDKVG57W-1 Datasheet
228Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZMDKVG56W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA3010LSEKJ3ZGKQBC KINGBRIGHT-APFA3010LSEKJ3ZGKQBC Datasheet
376Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
XZCBDDGME56W SUNLED-XZCBDDGME56W Datasheet
314Kb / 4P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3010SURKZGSYKC KINGBRIGHT-APFA3010SURKZGSYKC Datasheet
357Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKBBA56W SUNLED-ZMDKBBA56W Datasheet
225Kb / 5P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKBBABGA56W SUNLED-ZMDKBBABGA56W Datasheet
257Kb / 6P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KPFA-3011BZ1RGZ1C-132-F TO-GRACE-KPFA-3011BZ1RGZ1C-132-F Datasheet
2Mb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3010SEEZGKQBKC KINGBRIGHT-APFA3010SEEZGKQBKC Datasheet
312Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEEZGQBDC KINGBRIGHT-APFA3010SEEZGQBDC Datasheet
311Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEKJ3ZGKQBKC KINGBRIGHT-APFA3010SEKJ3ZGKQBKC Datasheet
358Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SURCGKPBAC KINGBRIGHT-APFA3010SURCGKPBAC Datasheet
224Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SURKCGKPBAC KINGBRIGHT-APFA3010SURKCGKPBAC Datasheet
250Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com