Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601B171EL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6601B171EL
Description  Low Voltage Input LDO Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601B171EL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6601B171EL Datasheet HTML 1Page - Torex Semiconductor XC6601B171EL Datasheet HTML 2Page - Torex Semiconductor XC6601B171EL Datasheet HTML 3Page - Torex Semiconductor XC6601B171EL Datasheet HTML 4Page - Torex Semiconductor XC6601B171EL Datasheet HTML 5Page - Torex Semiconductor XC6601B171EL Datasheet HTML 6Page - Torex Semiconductor XC6601B171EL Datasheet HTML 7Page - Torex Semiconductor XC6601B171EL Datasheet HTML 8Page - Torex Semiconductor XC6601B171EL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/32
XC6601
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Bias Voltage
(*1)
VBIAS
VCE =VBIAS,VIN =VOUT(T)+0.3V
2.5
-
6.0
V
Input Voltage
(*2)
VIN
VBIAS=VCE=3.6V
1.0
-
3.0
V
-0.02 VOUT(T)
(*4)
+0.02
Output Voltage
VOUT(E)
(*3)
VBIAS=VCE=3.6V, VIN =VOUT(T)+0.3V,
IOUT=100mA
E-0
(*5)
V
Maximum Output
Current 1
IOUTMAX 1
VCE =VBIAS ,VBIAS -VOUT(T)≧1.2V
VIN =VOUT(T)+0.5V
200
-
-
mA
Maximum Output
Current 2
IOUTMAX 2
VCE =VBIAS ,VBIAS -VOUT(T)≧1.3V
VIN =VOUT(T)+0.5V
300
-
-
mA
Maximum Output
Current 3
IOUTMAX 3
VCE =VBIAS ,VBIAS -VOUT(T)≧1.5V
VIN =VOUT(T)+0.5V
400
-
-
mA
Load Regulation
△VOUT
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V,
1mA≦IOUT≦300mA
-
8
17
mV
Dropout Voltage 1
Vdif1
(*7)
VBIAS=VCE, IOUT=100mA
E-1
(*6)
mV
Dropout Voltage 2
Vdif2
(*7)
VCE =VBIAS , IOUT=200mA
E-2
(*6)
mV
Dropout Voltage 3
Vdif3
(*7)
VCE =VBIAS , IOUT=300mA
E-3
(*6)
mV
Dropout Voltage 4
Vdif4
(*7)
VCE =VBIAS , IOUT=400mA
E-4
(*6)
mV
Supply Current 1
IBIAS
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V
VOUT=OPEN
8
25
45
μA
Supply Current 2
IIN
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V
VOUT=OPEN
0.1
1.0
3.0
μA
VOUT(T)≧1.0V
VBIAS=VCE =3.6V, VIN=VOUT(T)
VOUT= VOUT(T) - 0.05V
Bias Current
(*10)
IBIASMAX
VOUT(T)<1.0V
VBIAS=VCE =3.6V, VIN=1.0V
VOUT= VOUT(T) - 0.05V
-
1.0
2.5
mA
Stand-by Current 1
IBIAS_STB
VBIAS=6.0V, VIN=3.0V, VCE=VSS
-
0.01
0.10
μA
Stand-by Current 2
IIN_STB
VBIAS=6.0V, VIN=3.0V, VCE=VSS
-
0.01
0.35
μA
VOUT(T)≧1.3V
VOUT(T)+1.2V≦VBIAS≦6.0V,
VIN=VOUT(T)+0.3V, VCE =VBIAS , IOUT=1mA
Bias Regulation
△VOUT/
△VBIAS・VOUT
VOUT(T)<1.3V
2.5V≦VBIAS≦6.0V,
VIN=VOUT(T)+0.3V, VCE =VBIAS , IOUT=1mA
-
0.01
0.3
%/V
VOUT(T)≧0.90V,
VOUT(T)+0.1V≦VIN≦3.0V,
VBIAS=VCE=3.6V, IOUT=1mA
Input Regulation
△VOUT/
△VIN・VOUT
V OUT(T)<0.90V,
1.0V≦VIN≦3.0V
VBIAS=VCE=3.6V, IOUT=1mA
-
0.01
0.1
%/V
Bias Voltage UVLO
VBIAS_UVLO
VCE =VBIAS, VIN =VOUT(T)+0.3V,
IOUT=1mA
1.37
2.0
2.5
V
Input Voltage UVLO
VIN_UVLO
VBIAS=VCE=3.6V, IOUT=1mA
0.07
0.4
0.6
V
VBIAS Ripple Rejection
VBIAS_PSRR
VBIAS= VCE =3.6VDC+0.2Vp-pAC,
VIN=VOUT(T)+0.3V, IOUT=30mA,f=1kHz
-
40
-
dB
VIN Ripple Rejection
VIN_PSRR
VIN=VOUT(T)+0.3VDC+0.2Vp-pAC,
VBIAS=3.6V, IOUT=30mA, f=1kHz
-
60
-
dB
■ELECTRICAL CHARACTERISTICS
Ta=25 ℃


Similar Part No. - XC6601B171EL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601B121ER TOREX-XC6601B121ER Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601B121ER-G TOREX-XC6601B121ER-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601B121MR TOREX-XC6601B121MR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601B121MR-G TOREX-XC6601B121MR-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601B121PR TOREX-XC6601B121PR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
More results

Similar Description - XC6601B171EL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com