Electronic Components Datasheet Search |
|
OR4E06-1BM680I Datasheet(PDF) 3 Page - Lattice Semiconductor |
|
OR4E06-1BM680I Datasheet(HTML) 3 Page - Lattice Semiconductor |
3 / 152 page Lattice Semiconductor 3 Data Sheet May, 2006 ORCA Series 4 FPGAs Programmable Features (continued) ■ New capability to (de)multiplex I/O signals: — New double data rate on both input and output at rates up to 350 MHz (700 MHz effective rate). — New 2x and 4x downlink and uplink capability per I/O (i.e., 50 MHz internal to 200 MHz I/O). ■ Enhanced twin-quad programmable function unit (PFU): — Eight 16-bit look-up tables (LUTs) per PFU. — Nine user registers per PFU, one following each LUT and organized to allow two nibbles to act independently, plus one extra for arithmetic opera- tions. — New register control in each PFU has two inde- pendent programmable clocks, clock enables, local set/reset, and data selects. — New LUT structure allows flexible combinations of LUT4, LUT5, new LUT6, 4 to 1 MUX, new 8 to 1 MUX, and ripple mode arithmetic functions in the same PFU. — 32 x 4 RAM per PFU, configurable as single- or dual-port. Create large, fast RAM/ROM blocks (128 x 8 in only eight PFUs) using the SLIC decoders as bank drivers. — Soft-wired LUTs (SWL) allow fast cascading of up to three levels of LUT logic in a single PFU through fast internal routing which reduces routing congestion and improves speed. — Flexible fast access to PFU inputs from routing. — Fast-carry logic and routing to all four adjacent PFUs for nibble-, byte-wide, or longer arithmetic functions, with the option to register the PFU carry-out. ■ Abundant high-speed buffered and nonbuffered rout- ing resources provide 2x average speed improve- ments over previous architectures. ■ Hierarchical routing optimized for both local and glo- bal routing with dedicated routing resources. This results in faster routing times with predictable and efficient performance. ■ SLIC provides eight 3-statable buffers, up to 10-bit decoder, and PAL™-like and-or-invert (AOI) in each programmable logic cell. ■ Improved built-in clock management with program- mable phase-locked loops (PPLLs) provide optimum clock modification and conditioning for phase, fre- quency, and duty cycle from 15 MHz up to 420 MHz. Multiplication of the input frequency up to 64x, and division of the input frequency down to 1/64x possi- ble. ■ New 200 MHz embedded quad-port RAM blocks, two read ports, two write ports, and two sets of byte lane enables. Each embedded RAM block can be config- ured as: — 1-512 x 18 (quad-port, two read/two write) with optional built in arbitration. — 1-256 x 36 (dual-port, one read/one write). — 1-1K x 9 (dual-port, one read/one write). — 2-512 x 9 (dual-port, one read/one write for each). — 2 RAMS with arbitrary number of words whose sum is 512 or less by 18 (dual-port, one read/one write). — Supports joining of RAM blocks. — Two 16 x 8-bit content addressable memory (CAM) support. — FIFO 512 x 18, 256 x 36, 1K x 9 or dual 512 x 9. — Constant multiply (8 x 16 or 16 x 8). — Dual-variable multiply (8 x 8). ■ Embedded 32-bit internal system bus plus 4-bit par- ity interconnects FPGA logic, microprocessor inter- face (MPI), embedded RAM blocks, and embedded standard cell blocks with 100 MHz bus performance. Included are built-in system registers that act as the control and status center for the device. ■ Built-in testability: — Full boundary scan (IEEE ®1149.1 and Draft 1149.2 joint test access group (JTAG)). — Programming and readback through boundary scan port compliant to IEEE Draft 1532:D1.7. — TS_ALL testability function to 3-state all I/O pins. — New temperature sensing diode. ■ New cycle stealing capability allows a typical 15% to 40% internal speed improvement after final place and route. This feature also enables compliance with many setup/hold and clock-to-out I/O specifications and may provide reduced ground bounce for output buses by allowing flexible delays of switching output buffers. |
Similar Part No. - OR4E06-1BM680I |
|
Similar Description - OR4E06-1BM680I |