Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA506A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA506A
Description  45V 4A QUAD POWER HALF BRIDGE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA506A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA506A_04 Datasheet HTML 6Page - STMicroelectronics STA506A_04 Datasheet HTML 7Page - STMicroelectronics STA506A_04 Datasheet HTML 8Page - STMicroelectronics STA506A_04 Datasheet HTML 9Page - STMicroelectronics STA506A_04 Datasheet HTML 10Page - STMicroelectronics STA506A_04 Datasheet HTML 11Page - STMicroelectronics STA506A_04 Datasheet HTML 12Page - STMicroelectronics STA506A_04 Datasheet HTML 13Page - STMicroelectronics STA506A_04 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
STA506A
Figure 12. THD+N vs Frequency
Figure 13. Output Power vs Vsupply
Figure 14. THD+N vs Output Power
Figure 15. THD+N vs Output Power
Table 10. THD+N vs Output Power
0.01
1
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
Vcc=32V
Rl=8ohm
0.01
1
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
Vcc=32V
Rl=8ohm
10
80
20
30
40
50
60
70
Po(W)
+14
+36
+16
+18
+20
+22
+24
+26
+28
+30
+32
+34
Vsupply(V)
Rl=8ohm
F=1KHz
THD=1%
THD=10%
10
80
20
30
40
50
60
70
Po(W)
+14
+36
+16
+18
+20
+22
+24
+26
+28
+30
+32
+34
Vsupply(V)
Rl=8ohm
F=1KHz
THD=1%
THD=10%
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
100m
80
200m
500m
1
2
5
10
20
50
Pout(W)
Vcc=34V
Rl=8ohm
F=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
100m
80
200m
500m
1
2
5
10
20
50
Pout(W)
Vcc=34V
Rl=8ohm
F=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
80
200m
500m
1
2
5
10
20
50
Vcc=36V
Rl=8ohm
F=1KHz
THD(%)
Pout(W)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
80
200m
500m
1
2
5
10
20
50
Vcc=36V
Rl=8ohm
F=1KHz
THD(%)
Pout(W)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
80
200m
500m
1
2
5
10
20
50
Pout(W)
THD(%)
Vcc=32V
Rl=8ohm
F=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
80
200m
500m
1
2
5
10
20
50
Pout(W)
THD(%)
Vcc=32V
Rl=8ohm
F=1KHz


Similar Part No. - STA506A_04

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA506A SANKEN-STA506A Datasheet
23Kb / 1P
   N-channel General purpose
More results

Similar Description - STA506A_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
logo
Monolithic Power System...
MP8048 MPS-MP8048 Datasheet
302Kb / 10P
   22V, 4A Quad Channel Power Half-Bridge
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
   22V, 4A Quad Channel Power Half-Bridge Evaluation Board
logo
STMicroelectronics
STA501A STMICROELECTRONICS-STA501A Datasheet
111Kb / 9P
   45V 3.5A DOUBLE POWER HALF BRIDGE
November 2004 Rev. 1
logo
IXYS Corporation
IX4R11 IXYS-IX4R11 Datasheet
616Kb / 6P
   4A Half-Bridge Driver
logo
Monolithic Power System...
MP8044 MPS-MP8044 Datasheet
396Kb / 9P
   22V, 4A Dual Channel Power Half-Bridge
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
Rohm
RVQ040N05FRA ROHM-RVQ040N05FRA Datasheet
786Kb / 14P
   Nch 45V 4A Power MOSFET
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com