Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA50513TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA50513TR
Description  40V 3.5A QUAD POWER HALF BRIDGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA50513TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA50513TR Datasheet HTML 2Page - STMicroelectronics STA50513TR Datasheet HTML 3Page - STMicroelectronics STA50513TR Datasheet HTML 4Page - STMicroelectronics STA50513TR Datasheet HTML 5Page - STMicroelectronics STA50513TR Datasheet HTML 6Page - STMicroelectronics STA50513TR Datasheet HTML 7Page - STMicroelectronics STA50513TR Datasheet HTML 8Page - STMicroelectronics STA50513TR Datasheet HTML 9Page - STMicroelectronics STA50513TR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10/10
STA505
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries (“ST”) reserve the
right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any
time, without notice.
All ST products are sold pursuant to ST’s terms and conditions of sale.
Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no
liability whatsoever relating to the choice, selection or use of the ST products and services described herein.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this
document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products
or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such
third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST’S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED
WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS
OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED,
AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS,
NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR
SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void
any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any
liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries.
Information in this document supersedes and replaces all information previously supplied.
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
© 2006 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Similar Part No. - STA50513TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
logo
Sanken electric
STA505A SANKEN-STA505A Datasheet
11Kb / 1P
   N-channel General purpose
More results

Similar Description - STA50513TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA518 STMICROELECTRONICS-STA518 Datasheet
349Kb / 19P
   40V 3.5A quad power half bridge
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
   40V 3.5A DOUBLE POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
logo
Monolithic Power System...
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
   16V, 3.5A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com