Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR4E04-2BM680I Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # OR4E04-2BM680I
Description  ORCASeries 4 FPGAs
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E04-2BM680I Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button OR4E04-2BM680I Datasheet HTML 2Page - Lattice Semiconductor OR4E04-2BM680I Datasheet HTML 3Page - Lattice Semiconductor OR4E04-2BM680I Datasheet HTML 4Page - Lattice Semiconductor OR4E04-2BM680I Datasheet HTML 5Page - Lattice Semiconductor OR4E04-2BM680I Datasheet HTML 6Page - Lattice Semiconductor OR4E04-2BM680I Datasheet HTML 7Page - Lattice Semiconductor OR4E04-2BM680I Datasheet HTML 8Page - Lattice Semiconductor OR4E04-2BM680I Datasheet HTML 9Page - Lattice Semiconductor OR4E04-2BM680I Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 152 page
background image
6
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Product Description (continued)
Note: For FPSCs, all I/Os and the four PLLs on the right side of the device are replaced with the embedded core.
5-7536(F)a
Figure 1. Series 4 Top Level Diagram
Programmable Logic Cells
The PLCs are arranged in an array of rows and columns. The location of a PLC is indicated by its row and column
so that a PLC in the second row and the third column is R2C3. The array of actual PLCs for every device begins
with R3C2 in all Series 4 generic FPGAs. PIOs are located on all four sides of the FPGA. Every group of four PIOs
on the device edge have an associated PIC.
The PLC consists of a PFU, SLIC, and routing resources. Each PFU within a PLC contains eight
4-input (16-bit) LUTs, eight latches/FFs, and one additional FF that may be used independently or with arithmetic
functions. The PFU is the main logic element of the PLC, containing elements for both combinatorial and sequential
logic. Combinatorial logic is done in LUTs located in the PFU. The PFU can be used in different modes to meet dif-
ferent logic requirements. The LUTs twin-quad architecture provides a configurable medium-/large-grain architec-
ture that can be used to implement from one to eight independent combinatorial logic functions or a large number
of complex logic functions using multiple LUTs. The flexibility of the LUT to handle wide input functions, as well as
multiple smaller input functions, maximizes the gate count per PFU while increasing system speed.
The PFU is organized in a twin-quad fashion: two sets of four LUTs and FFs that can be controlled independently.
Each PFU has two independent programmable clocks, clock enables, local set/reset, and data selects.
LUTs may also be combined for use in arithmetic functions using fast-carry chain logic in either 4-bit or 8-bit
modes. The carry-out of either mode may be registered in the ninth FF for pipelining. Each PFU may also be con-
figured as a synchronous 32x4 single- or dual-port RAM or ROM. The FFs (or latches) may obtain input from LUT
outputs or directly from invertible PFU inputs, or they can be tied high or tied low. The FFs also have programmable
clock polarity, clock enables, and local set/reset.
EMBEDDED
SYSTEM BUS
PLC
MICROPROCESSOR
INTERFACE (MPI)
PFU
SLIC
FPGA/SYSTEM
BUS INTERFACE
PLLs
EMBEDDED
BLOCK RAM
HIGH-SPEED I/Os
CLOCK PINS
PIO
REPLACED BY
EMBEDDED IP
CORE FOR FPSCs
(ALL 4 SIDES)
(ALL 4
CORNERS)


Similar Part No. - OR4E04-2BM680I

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR4E10 AGERE-OR4E10 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
OR4E4 AGERE-OR4E4 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
OR4E6 AGERE-OR4E6 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
More results

Similar Description - OR4E04-2BM680I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com