Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT82G5-1F680I Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ORT82G5-1F680I
Description  0.6 to 3.7 Gbps XAUI and FC FPSCs
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORT82G5-1F680I Datasheet(HTML) 4 Page - Lattice Semiconductor

  ORT82G5-1F680I Datasheet HTML 1Page - Lattice Semiconductor ORT82G5-1F680I Datasheet HTML 2Page - Lattice Semiconductor ORT82G5-1F680I Datasheet HTML 3Page - Lattice Semiconductor ORT82G5-1F680I Datasheet HTML 4Page - Lattice Semiconductor ORT82G5-1F680I Datasheet HTML 5Page - Lattice Semiconductor ORT82G5-1F680I Datasheet HTML 6Page - Lattice Semiconductor ORT82G5-1F680I Datasheet HTML 7Page - Lattice Semiconductor ORT82G5-1F680I Datasheet HTML 8Page - Lattice Semiconductor ORT82G5-1F680I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 119 page
background image
Lattice Semiconductor
ORCA ORT42G5 and ORT82G5 Data Sheet
4
Embedded Function Features
• High-speed SERDES with programmable serial data rates over the range 0.6 to 3.7 Gbps. Operation has been
demonstrated on design tolerance devices at 3.7 Gbps across 26 in. of FR-4 backplane and at 3.125 Gbps
across 40 in. of FR-4 backplane across temperature and voltage specifications.
• Asynchronous operation per receive channel with the receiver frequency tolerance based on one reference clock
per block channels (separate PLL per channel).
• Ability to select full-rate or half-rate operation per transmit or receive channel by setting the appropriate control
registers.
• Programmable one-half amplitude transmit mode for reduced power in chip-to-chip application.
• Transmit preemphasis (programmable) for improved receive data eye opening.
• 32-bit (8b/10b) or 40-bit (raw data) parallel internal bus for data processing in FPGA logic.
• Provides a 10 Gbps backplane interface to switch fabric. Also supports multiple port cards at 2.5 Gbps.
• 3.125 Gbps SERDES compliant with XAUI serial data specification for 10 G Ethernet applications with protec-
tion.
• IEEE 802.3ae compliant XAUI transceiver. Includes embedded IEEE 802.3ae-based XAUI link state machine.
• Compliant to FC-0 specification for 1 Gbps, 2Gbps, 10 Gbps (FC-XAUI) modes. Includes Fibre Channel link state
machine.
• High-Speed Interface (HSI) function for clock/data recovery serial backplane data transfer without external
clocks.
• SERDES has low-power CML buffers. Support for 1.5V/1.8V I/Os. Allows use with optical transceiver, coaxial
copper media, shielded twisted pair wiring or high-speed backplanes such as FR-4.
• Power down option of SERDES HSI receiver or transmitter on a per-channel basis.
• Automatic lock to reference clock in the absence of valid receive data.
• High-speed and low-speed loopback test modes.
• Requires no external component for clock recovery and frequency synthesis.
• SERDES characterization pins available to control/monitor the internal interface to one SERDES block
(ORT82G5 only).
• SERDES HSI automatically recovers from loss-of-clock once its reference clock returns to normal operating
state.
• Built-in boundary scan (IEEE
® 1149.1 and 1149.2 JTAG) for the programmable I/Os, not including the SERDES
interface.
• FIFOs can align incoming data either across all eight channels (ORT82G5 only), across one or two groups of
four channels, or across two or four groups of two channels. Alignment is done either using comma characters or
by using the /A/ character in XAUI mode. Optionally, the alignment FIFOs can be bypassed for asynchronous
operation between channels. (Each channel includes its own clock and frame pulse or comma detect.)
• Addition of two 4K x 36 dual-port RAMs with access to the programmable logic.
• The ORT82G5 is pinout compatible to the ORCA ORSO82G5 SONET backplane driver FPSC. The ORT42G5 is
pin compatible to the ORSO42G5.


Similar Part No. - ORT82G5-1F680I

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ORT82G5 AGERE-ORT82G5 Datasheet
1Mb / 92P
   ORCA ORT82G5 1.0.1-25/2.0-2.5/3.125 Gbits/s Backplane Interface FPSC
More results

Similar Description - ORT82G5-1F680I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
   0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
logo
Texas Instruments
TLK1501 TI-TLK1501 Datasheet
407Kb / 26P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANCEIVER
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
[Old version datasheet]   10-Gbps Xaui Transceiver
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
[Old version datasheet]   10-Gbps XAUI Transceiver
logo
Vitesse Semiconductor C...
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
   Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com