Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT42G5-1BM484I Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ORT42G5-1BM484I
Description  0.6 to 3.7 Gbps XAUI and FC FPSCs
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORT42G5-1BM484I Datasheet(HTML) 3 Page - Lattice Semiconductor

  ORT42G5-1BM484I Datasheet HTML 1Page - Lattice Semiconductor ORT42G5-1BM484I Datasheet HTML 2Page - Lattice Semiconductor ORT42G5-1BM484I Datasheet HTML 3Page - Lattice Semiconductor ORT42G5-1BM484I Datasheet HTML 4Page - Lattice Semiconductor ORT42G5-1BM484I Datasheet HTML 5Page - Lattice Semiconductor ORT42G5-1BM484I Datasheet HTML 6Page - Lattice Semiconductor ORT42G5-1BM484I Datasheet HTML 7Page - Lattice Semiconductor ORT42G5-1BM484I Datasheet HTML 8Page - Lattice Semiconductor ORT42G5-1BM484I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 119 page
background image
Lattice Semiconductor
ORCA ORT42G5 and ORT82G5 Data Sheet
3
Package Thermal Characteristics
Summary .............................................. 114
ΘJA .............................................................. 114
ψJC .............................................................. 114
ψJC .............................................................. 115
ψJB .............................................................. 115
FPSC Maximum Junction Temperature ...... 115
Package Thermal Characteristics ............... 115
Heat Sink Vendors for BGA Packages........ 115
Package Parasitics...................................... 116
Package Outline Drawings.......................... 116
Ordering Information ................................................ 117


Similar Part No. - ORT42G5-1BM484I

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORT43S BOT-ORT43S Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCBC BOT-ORT43SBCBCBCBC Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCG BOT-ORT43SBCBCBCG Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCO BOT-ORT43SBCBCBCO Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCR BOT-ORT43SBCBCBCR Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
More results

Similar Description - ORT42G5-1BM484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
   0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
logo
Texas Instruments
TLK1501 TI-TLK1501 Datasheet
407Kb / 26P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANCEIVER
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
[Old version datasheet]   10-Gbps Xaui Transceiver
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
[Old version datasheet]   10-Gbps XAUI Transceiver
logo
Vitesse Semiconductor C...
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
   Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com