Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT82G5-1BM680C Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ORT82G5-1BM680C
Description  0.6 to 3.7 Gbps XAUI and FC FPSCs
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORT82G5-1BM680C Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ORT82G5-1BM680C Datasheet HTML 7Page - Lattice Semiconductor ORT82G5-1BM680C Datasheet HTML 8Page - Lattice Semiconductor ORT82G5-1BM680C Datasheet HTML 9Page - Lattice Semiconductor ORT82G5-1BM680C Datasheet HTML 10Page - Lattice Semiconductor ORT82G5-1BM680C Datasheet HTML 11Page - Lattice Semiconductor ORT82G5-1BM680C Datasheet HTML 12Page - Lattice Semiconductor ORT82G5-1BM680C Datasheet HTML 13Page - Lattice Semiconductor ORT82G5-1BM680C Datasheet HTML 14Page - Lattice Semiconductor ORT82G5-1BM680C Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
Lattice Semiconductor
ORCA ORT42G5 and ORT82G5 Data Sheet
11
Additional Information
Contact your local Lattice representative for additional information regarding the ORCA Series 4 FPGA devices, or
visit the Lattice web site at www.latticesemi.com.
ORT42G5/ORT82G5 Overview
The ORT42G5 and ORT82G5 FPSCs provide high-speed backplane transceivers combined with FPGA logic. They
are based on the 1.5V OR4E04 ORCA FPGA and have 36 x 36 arrays of Programmable Logic Cells (PLCs). The
embedded core, which contains the backplane transceivers is attached to the right side of the device and is inte-
grated directly into the FPGA array. A top level diagram of the basic chip configuration is shown in Figure 1.
Embedded Core Overview
The embedded core portions of the ORT42G5 and ORT82G5 contain respectively four or eight Clock and Data
Recovery (CDR) macrocells and Serialize/Deserialize (SERDES) blocks and support 8b/10b (IEEE 802.3.2002)
encoded serial links. It is intended for high-speed serial backplane data transmission. Figure 1 shows the
ORT42G5 and ORT82G5 top level block diagram and the basic data flow. Boundary scan for the
ORT42G5/ORT82G5 only includes programmable I/Os and does not include any of the embedded block I/Os.
Figure 1. ORT42G5/ORT82G5 Top Level Block Diagram
The serial channels can each operate at up to 3.7 Gbps (2.96 Gbps data rate) with a full-duplex synchronous inter-
face with built-in clock recovery (CDR). The 8b/10b encoding provides guaranteed ones density for the CDR, byte
alignment, and error detection. The core is also capable of frame synchronization and physical link monitoring and
contains independent 4k x 36 RAM blocks. Overviews of the various blocks in the embedded core are presented in
the following paragraphs.
Serializer and Deserializer (SERDES)
The SERDES portion of the core contains two transceiver blocks for serial data transmission at a selectable data
rate of 0.6 to 3.7 Gbps. Each SERDES channel features high-speed 8b/10b parallel I/O interfaces to other core
blocks and high-speed CML interfaces to the serial links.
The SERDES circuitry consists of receiver, transmitter, and auxiliary functional blocks. The receiver accepts high-
speed (up to 3.7 Gbps) serial data. Based on data transitions, the receiver locks an analog receive PLL for each
channel to retime the data, then demultiplexes the data down to parallel bytes and an accompanying clock.
The transmitter operates in the reverse direction. Parallel bytes are multiplexed up to 3.7 Gbps serial data for off-
chip communication. The transmitter generates the necessary 3.7 GHz clocks for operation from a lower speed ref-
erence clock.
SERDES w/
CLOCK/DATA
BYTE-
WIDE
DATA
8b/10b
DECODER/ENCODER
4 or 8 FULL-
0.6 Gbps
DATA
DUPLEX
SERIAL
CHANNELS
TO
3.7 Gbps
0.6 Gbps
DATA
TO
3.7 Gbps
CML
I/Os
ORCA
SERIES 4
FPGA LOGIC
STANDARD
FPGA I/Os
RECOVERY
4:1 MUX/1:4 DEMUX
AND MULTI-CHANNEL
ALIGNMENT FIFOs


Similar Part No. - ORT82G5-1BM680C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ORT82G5 AGERE-ORT82G5 Datasheet
1Mb / 92P
   ORCA ORT82G5 1.0.1-25/2.0-2.5/3.125 Gbits/s Backplane Interface FPSC
More results

Similar Description - ORT82G5-1BM680C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
   0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
logo
Texas Instruments
TLK1501 TI-TLK1501 Datasheet
407Kb / 26P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANCEIVER
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
[Old version datasheet]   10-Gbps Xaui Transceiver
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
[Old version datasheet]   10-Gbps XAUI Transceiver
logo
Vitesse Semiconductor C...
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
   Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com