Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M87C257-45C3TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # M87C257-45C3TR
Description  Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257-45C3TR Datasheet(HTML) 5 Page - STMicroelectronics

  M87C257-45C3TR Datasheet HTML 1Page - STMicroelectronics M87C257-45C3TR Datasheet HTML 2Page - STMicroelectronics M87C257-45C3TR Datasheet HTML 3Page - STMicroelectronics M87C257-45C3TR Datasheet HTML 4Page - STMicroelectronics M87C257-45C3TR Datasheet HTML 5Page - STMicroelectronics M87C257-45C3TR Datasheet HTML 6Page - STMicroelectronics M87C257-45C3TR Datasheet HTML 7Page - STMicroelectronics M87C257-45C3TR Datasheet HTML 8Page - STMicroelectronics M87C257-45C3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
M87C257
Description
5/22
1
Description
The M87C257 is a 256 Kbit EPROM offered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It incorporates latches for all address inputs to minimize chip
count, reduce cost, and simplify the design of multiplexed bus systems and is organized as
32,768 by 8 bits.
The FDIP28W (window ceramic frit-seal package) has a transparent lid which allows the
user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be
written to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not
required, the M87C257 is offered in PLCC32 package.
In order to meet environmental requirements, ST offers the M87C257 in ECOPACK®
packages.
ECOPACK packages are Lead-free. The category of second Level Interconnect is marked
on the package and on the inner box label, in compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic diagram
AI00928B
15
A0-A14
ASVPP
Q0-Q7
VCC
M87C257
G
E
VSS
8


Similar Part No. - M87C257-45C3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M87C257-45C3TR STMICROELECTRONICS-M87C257-45C3TR Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
More results

Similar Description - M87C257-45C3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
   256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
   256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com