Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4128ZC-75TN44E Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # LA4128ZC-75TN44E
Description  3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LA4128ZC-75TN44E Datasheet(HTML) 1 Page - Lattice Semiconductor

  LA4128ZC-75TN44E Datasheet HTML 1Page - Lattice Semiconductor LA4128ZC-75TN44E Datasheet HTML 2Page - Lattice Semiconductor LA4128ZC-75TN44E Datasheet HTML 3Page - Lattice Semiconductor LA4128ZC-75TN44E Datasheet HTML 4Page - Lattice Semiconductor LA4128ZC-75TN44E Datasheet HTML 5Page - Lattice Semiconductor LA4128ZC-75TN44E Datasheet HTML 6Page - Lattice Semiconductor LA4128ZC-75TN44E Datasheet HTML 7Page - Lattice Semiconductor LA4128ZC-75TN44E Datasheet HTML 8Page - Lattice Semiconductor LA4128ZC-75TN44E Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
www.latticesemi.com
1
DS1017_02.3
LA-ispMACH 4000V/Z
Automotive Family
3.3V/1.8V In-System Programmable
SuperFAST High Density PLDs
July 2008
Data Sheet DS1017
TM
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Features
■ High Performance
•fMAX = 168MHz maximum operating frequency
•tPD = 7.5ns propagation delay
• Up to four global clock pins with programmable
clock polarity control
• Up to 80 PTs per output
■ Ease of Design
• Enhanced macrocells with individual clock,
reset, preset and clock enable controls
• Up to four global OE controls
• Individual local OE control per I/O pin
• Excellent First-Time-Fit
TM and refit
• Fast path, SpeedLocking
TM Path, and wide-PT
path
• Wide input gating (36 input logic blocks) for fast
counters, state machines and address decoders
■ Zero Power (LA-ispMACH 4000Z)
• Typical static current 10µA (4032Z)
• 1.8V core low dynamic power
• LA-ispMACH 4000Z operational down to 1.6V
■ AEC-Q100 Tested and Qualified
• Automotive: -40 to 125°C ambient (TA)
■ Easy System Integration
• Superior solution for power sensitive consumer
applications
• Operation with 3.3V, 2.5V or 1.8V LVCMOS I/O
• Operation with 3.3V (4000V) or 1.8V (4000Z)
supplies
• 5V tolerant I/O for LVCMOS 3.3, LVTTL, and PCI
interfaces
• Hot-socketing
• Open-drain capability
• Input pull-up, pull-down or bus-keeper
• Programmable output slew rate
• 3.3V PCI compatible
• IEEE 1149.1 boundary scan testable
• 3.3V/2.5V/1.8V In-System Programmable
(ISP™) using IEEE 1532 compliant interface
• I/O pins with fast setup path
• Lead-free (RoHS) package
Introduction
The high performance LA-ispMACH 4000V/Z automo-
tive family from Lattice offers a SuperFAST CPLD solu-
tion that is tested and qualified to the AEC-Q100
standard. The family is a blend of Lattice’s two most
popular architectures: the ispLSI
® 2000 and ispMACH
4A. Retaining the best of both families, the LA-ispMACH
4000V/Z architecture focuses on significant innovations
to combine the highest performance with low power in a
flexible CPLD family.
The LA-ispMACH 4000V/Z automotive family combines
high speed and low power with the flexibility needed for
ease of design. With its robust Global Routing Pool and
Output Routing Pool, this family delivers excellent First-
Time-Fit, timing predictability, routing, pin-out retention
and density migration.
Table 1. LA-ispMACH 4000V Automotive Family Selection Guide
LA-ispMACH 4032V
LA-ispMACH 4064V
LA-ispMACH 4128V
Macrocells
32
64
128
I/O + Dedicated Inputs
30+2/32+4
30+2/32+4/64+10
64+10/92+4/96+4
tPD (ns)
7.5
7.5
7.5
tS (ns)
4.5
4.5
4.5
tCO (ns)
4.5
4.5
4.5
fMAX (MHz)
168
168
168
Supply Voltage (V)
3.3V
3.3V
3.3V
Pins/Package
44-pin Lead-Free TQFP
48-pin Lead-Free TQFP
44-pin Lead-Free TQFP
48-pin Lead-Free TQFP
100-pin Lead-Free TQFP
100-pin Lead-Free TQFP
128-pin Lead-Free TQFP
144-pin Lead-Free TQFP


Similar Part No. - LA4128ZC-75TN44E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4120 SANYO-LA4120 Datasheet
85Kb / 1P
   2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
LA4125 SANYO-LA4125 Datasheet
85Kb / 1P
   2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
LA4125T SANYO-LA4125T Datasheet
85Kb / 1P
   2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
LA4126 SANYO-LA4126 Datasheet
143Kb / 1P
   2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
LA4126T SANYO-LA4126T Datasheet
143Kb / 1P
   2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
More results

Similar Description - LA4128ZC-75TN44E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com