Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMDKBBA98W Datasheet(PDF) 4 Page - SunLED Corporation

Part # ZMDKBBA98W
Description  3.2x2.7mm SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKBBA98W Datasheet(HTML) 4 Page - SunLED Corporation

  ZMDKBBA98W Datasheet HTML 1Page - SunLED Corporation ZMDKBBA98W Datasheet HTML 2Page - SunLED Corporation ZMDKBBA98W Datasheet HTML 3Page - SunLED Corporation ZMDKBBA98W Datasheet HTML 4Page - SunLED Corporation ZMDKBBA98W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA6434
V1
Checked : B.L.LIU
P.4/5
Part Number:
ZMDKBBA98W
3.2x2.7mm SURFACE MOUNT LED LAMP
www.SunLED.com
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ Luminous Flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity/ Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
The device has a single mounting surface. The device
must be mounted according to the specifications.


Similar Part No. - ZMDKBBA98W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBA45W SUNLED-ZMDKBBA45W Datasheet
243Kb / 5P
   3.5x2.8mm PLCC4 SMD LED
ZMDKBBA55W-7 SUNLED-ZMDKBBA55W-7 Datasheet
218Kb / 5P
   3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
ZMDKBBA55W-8 SUNLED-ZMDKBBA55W-8 Datasheet
225Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
ZMDKBBA56W SUNLED-ZMDKBBA56W Datasheet
225Kb / 5P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKBBA57W SUNLED-ZMDKBBA57W Datasheet
228Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZMDKBBA98W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZURUY98W SUNLED-ZURUY98W Datasheet
218Kb / 5P
   3.2x2.7mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
APB3227ZGKQBDC KINGBRIGHT-APB3227ZGKQBDC Datasheet
267Kb / 6P
   3.2x2.7mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZURMG98W SUNLED-ZURMG98W Datasheet
215Kb / 5P
   3.2x2.7mm SURFACE MOUNT LED LAMP
ZMDKVG98W SUNLED-ZMDKVG98W Datasheet
228Kb / 5P
   3.2x2.7mm SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
   SURFACE MOUNT LED LAMP
AM23ESGW KINGBRIGHT-AM23ESGW Datasheet
324Kb / 6P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com