Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6216DB91ML Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6216DB91ML
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DB91ML Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6216DB91ML Datasheet HTML 7Page - Torex Semiconductor XC6216DB91ML Datasheet HTML 8Page - Torex Semiconductor XC6216DB91ML Datasheet HTML 9Page - Torex Semiconductor XC6216DB91ML Datasheet HTML 10Page - Torex Semiconductor XC6216DB91ML Datasheet HTML 11Page - Torex Semiconductor XC6216DB91ML Datasheet HTML 12Page - Torex Semiconductor XC6216DB91ML Datasheet HTML 13Page - Torex Semiconductor XC6216DB91ML Datasheet HTML 14Page - Torex Semiconductor XC6216DB91ML Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11/41
XC6216/XE6216
Series
E-0
E-1
E-2
PARAMETER
NOMINAL
OUTPUT
VOLTAGE
OUTPUT VOLTAGE
(V)
2% ACCURACY
OUTPUT VOLTAGE
(V)
1% ACCURACY
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
VOUT
VOUT
Vdif1
Vdif2
VOUT(T)
(V)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
5.0
4.900
5.100
4.950
5.050
190
280
1000
1300
5.1
4.998
5.202
5.049
5.151
190
280
1000
1300
5.2
5.096
5.304
5.148
5.252
190
280
1000
1300
5.3
5.194
5.406
5.247
5.353
190
280
1000
1300
5.4
5.292
5.508
5.346
5.454
190
280
1000
1300
5.5
5.390
5.610
5.445
5.555
190
280
1000
1300
5.6
5.488
5.712
5.544
5.656
190
280
1000
1300
5.7
5.586
5.814
5.643
5.757
190
280
1000
1300
5.8
5.684
5.916
5.742
5.916
190
280
1000
1300
5.9
5.782
6.018
5.841
5.959
190
280
1000
1300
6.0
5.880
6.120
5.940
6.060
190
280
1000
1300
6.1
5.978
6.222
6.039
6.161
190
280
1000
1300
6.2
6.076
6.324
6.138
6.262
190
280
1000
1300
6.3
6.174
6.426
6.237
6.363
190
280
1000
1300
6.4
6.272
6.528
6.336
6.464
190
280
1000
1300
6.5
6.370
6.630
6.435
6.565
170
230
800
1150
6.6
6.468
6.732
6.534
6.666
170
230
800
1150
6.7
6.566
6.834
6.633
6.767
170
230
800
1150
6.8
6.664
6.936
6.732
6.868
170
230
800
1150
6.9
6.762
7.038
6.831
6.969
170
230
800
1150
7.0
6.860
7.140
6.930
7.070
170
230
800
1150
7.1
6.958
7.242
7.029
7.171
170
230
800
1150
7.2
7.056
7.344
7.128
7.272
170
230
800
1150
7.3
7.154
7.446
7.227
7.373
170
230
800
1150
7.4
7.252
7.548
7.326
7.474
170
230
800
1150
7.5
7.350
7.650
7.425
7.575
170
230
800
1150
7.6
7.448
7.752
7.524
7.676
170
230
800
1150
7.7
7.546
7.854
7.623
7.777
170
230
800
1150
7.8
7.644
7.956
7.722
7.878
170
230
800
1150
7.9
7.742
8.058
7.821
7.979
170
230
800
1150
8.0
7.840
8.160
7.920
8.080
170
230
800
1150
■ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart (Continued)


Similar Part No. - XC6216DB91ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216DB21ER TOREX-XC6216DB21ER Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216DB21FR TOREX-XC6216DB21FR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216DB21FR-G TOREX-XC6216DB21FR-G Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216DB21JR TOREX-XC6216DB21JR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216DB21MR TOREX-XC6216DB21MR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XC6216DB91ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
logo
NIHON DEMPA KOGYO
NT2016SD NDK-NT2016SD Datasheet
299Kb / 1P
   Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com