Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6216CB91ML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6216CB91ML
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216CB91ML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6216CB91ML Datasheet HTML 1Page - Torex Semiconductor XC6216CB91ML Datasheet HTML 2Page - Torex Semiconductor XC6216CB91ML Datasheet HTML 3Page - Torex Semiconductor XC6216CB91ML Datasheet HTML 4Page - Torex Semiconductor XC6216CB91ML Datasheet HTML 5Page - Torex Semiconductor XC6216CB91ML Datasheet HTML 6Page - Torex Semiconductor XC6216CB91ML Datasheet HTML 7Page - Torex Semiconductor XC6216CB91ML Datasheet HTML 8Page - Torex Semiconductor XC6216CB91ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2/41
XC6216/XE6216 Series
PIN NUMBER
SOT-25*
SOT-89-5
USP-6C*
PIN NAME
FUNCTIONS
1
5
6
VIN
Power Input
2
2
5
VSS
Ground
3
4
4
NC
No connection
4
3
3
CE
ON/OFF Control
5
1
1
VOUT
Output
-
-
2
NC
No connection
PIN NUMBER
SOT-25
SOT-89-5
USP-6C
PIN NAME
FUNCTIONS
1
5
6
VIN
Power Input
2
2
5
VSS
Ground
3
4
4
VOFB
Output Voltage Adjustment
4
3
3
CE
ON/OFF Control
5
1
1
VOUT
Output
-
-
2
NC
No connection
PIN NUMBER
SOT-89*
SOT-223*
TO-252*
PIN NAME
FUNCTIONS
3
3
1
VIN
Power Input
2
2
2
VSS
Ground
1
1
3
VOUT
Output
■PIN CONFIGURATION
■PIN ASSIGNMENT
* The dissipation pad for the USP-6C
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VSS (No. 5) pin.
●XC6216B/XE6216B Series
●XC6216C Series
●XC6216D/XE6216D Series
SOT-25
(TOP VIEW)
SOT-89
(TOP VIEW)
SOT-89-5
(TOP VIEW)
USP-6C
(BOTTOM VIEW)
SOT-223
(TOP VIEW)
TO-252
(TOP VIEW)
*The XE6216B in SOT-25 and USP-6C are under development.
*The XE6216D in SOT-89, SOT-223 and TO-252 are under development.


Similar Part No. - XC6216CB91ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216CB21ER TOREX-XC6216CB21ER Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216CB21FR TOREX-XC6216CB21FR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216CB21FR-G TOREX-XC6216CB21FR-G Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216CB21JR TOREX-XC6216CB21JR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216CB21MR TOREX-XC6216CB21MR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XC6216CB91ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
logo
NIHON DEMPA KOGYO
NT2016SD NDK-NT2016SD Datasheet
299Kb / 1P
   Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com