Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX128BIFN1003 Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # LX128BIFN1003
Description  High Performance Interfacing and Switching
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX128BIFN1003 Datasheet(HTML) 1 Page - Lattice Semiconductor

  LX128BIFN1003 Datasheet HTML 1Page - Lattice Semiconductor LX128BIFN1003 Datasheet HTML 2Page - Lattice Semiconductor LX128BIFN1003 Datasheet HTML 3Page - Lattice Semiconductor LX128BIFN1003 Datasheet HTML 4Page - Lattice Semiconductor LX128BIFN1003 Datasheet HTML 5Page - Lattice Semiconductor LX128BIFN1003 Datasheet HTML 6Page - Lattice Semiconductor LX128BIFN1003 Datasheet HTML 7Page - Lattice Semiconductor LX128BIFN1003 Datasheet HTML 8Page - Lattice Semiconductor LX128BIFN1003 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
www.latticesemi.com
1
gdx2fam_13
ispGDX2 Family
High Performance Interfacing and Switching
September 2005
Data Sheet
© 2005 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Includes
High-
Performanc
e,
Low-Cost
“E-Series”
Features
■ High Performance Bus Switching
• High bandwidth
– Up to 12.8 Gbps (SERDES)
– Up to 38 Gbps (without SERDES)
• Up to 16 (15x10) FIFOs for data buffering
• High speed performance
–fMAX = 360MHz
–tPD = 3.0ns
–tCO = 2.9ns
–tS = 2.0ns
• Built-in programmable control logic capability
• I/O intensive: 64 to 256 I/Os
• Expanded MUX capability up to 188:1 MUX
■ sysCLOCK™ PLL
• Frequency synthesis and skew management
• Clock multiply and divide capability
• Clock shifting up to +/-2.35ns in 335ps steps
• Up to four PLLs
■ sysIO™ Interfacing
• LVCMOS 1.8, 2.5, 3.3 and LVTTL support for
standard board interfaces
• SSTL 2/3 Class I and II support
• HSTL Class I, III and IV support
• GTL+, PCI-X for bus interfaces
• LVPECL, LVDS and Bus LVDS differential support
• Hot socketing
• Programmable drive strength
■ Two Options Available
• High-performance sysHSI (standard part number)
• Low-cost, no sysHSI (“E-Series”)
■ sysHSI Blocks Provide up to 16 High-speed
Channels
• Serializer/de-serializer (SERDES) included
• Clock Data Recovery (CDR) built in
• 800 Mbps per channel
• LVDS differential support
• 10B/12B support
– Encoding / decoding
– Bit alignment
– Symbol alignment
• 8B/10B support
– Bit alignment
– Symbol alignment
• Source Synchronous support
■ Flexible Programming and Testing
• IEEE 1532 compliant In-System Programmabil-
ity (ISP™)
• Boundary scan test through IEEE 1149.1
interface
• 3.3V, 2.5V or 1.8V power supplies
• 5V tolerant I/O for LVCMOS 3.3 and LVTTL
interfaces
Table 1. ispGDX2 Family Selection Guide
ispGDX2-64/E
ispGDX2-128/E
ispGDX2-256/E
I/Os
64
128
256
GDX Blocks
4
8
16
tPD
3.0ns
3.2ns
3.5ns
tS
2.0ns
2.0ns
2.0ns
tCO
2.9ns
3.1ns
3.2ns
fMAX (Toggle)
360MHz
330MHz
300MHz
Max Bandwidth
SERDES
1, 2
3.2Gbps
6.4Gbps
12.8Gbps
Without SERDES
3
11Gbps
21Gbps
38Gbps
sysHSI Channels
2
48
16
LVDS/Bus LVDS (Pairs)
32
64
128
PLLs
2
2
4
Package
100-ball fpBGA
208-ball fpBGA
484-ball fpBGA
1. Max number of SERDES channels per device * 800Mbps
2. “E-Series” does not support sysHSI.
3. fMAX (Toggle) * maximum I/Os divided by 2.


Similar Part No. - LX128BIFN1003

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX128B LATTICE-LX128B Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX128B-32F208C LATTICE-LX128B-32F208C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX128B-32F208C LATTICE-LX128B-32F208C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX128B-32FN208C LATTICE-LX128B-32FN208C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX128B-32FN208C LATTICE-LX128B-32FN208C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX128BIFN1003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
   Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
   Asynchronous clock Interfacing
logo
TAITRON Components Inco...
MMBD4148-193 TAITRON-MMBD4148-193 Datasheet
136Kb / 4P
   High Performance Switching Diode
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
   High Performance, Constant Current Switching
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com