Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPMACH4128ZE Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPMACH4128ZE
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4128ZE Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPMACH4128ZE Datasheet HTML 1Page - Lattice Semiconductor ISPMACH4128ZE Datasheet HTML 2Page - Lattice Semiconductor ISPMACH4128ZE Datasheet HTML 3Page - Lattice Semiconductor ISPMACH4128ZE Datasheet HTML 4Page - Lattice Semiconductor ISPMACH4128ZE Datasheet HTML 5Page - Lattice Semiconductor ISPMACH4128ZE Datasheet HTML 6Page - Lattice Semiconductor ISPMACH4128ZE Datasheet HTML 7Page - Lattice Semiconductor ISPMACH4128ZE Datasheet HTML 8Page - Lattice Semiconductor ISPMACH4128ZE Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
2
Introduction
The high performance ispMACH 4000ZE family from Lattice offers an ultra low power CPLD solution. The new fam-
ily is based on Lattice’s industry-leading ispMACH 4000 architecture. Retaining the best of the previous generation,
the ispMACH 4000ZE architecture focuses on significant innovations to combine high performance with low power
in a flexible CPLD family. For example, the family’s new Power Guard feature minimizes dynamic power consump-
tion by preventing internal logic toggling due to unnecessary I/O pin activity.
The ispMACH 4000ZE combines high speed and low power with the flexibility needed for ease of design. With its
robust Global Routing Pool and Output Routing Pool, this family delivers excellent First-Time-Fit, timing predictabil-
ity, routing, pin-out retention and density migration.
The ispMACH 4000ZE family offers densities ranging from 32 to 256 macrocells. There are multiple density-I/O
combinations in Thin Quad Flat Pack (TQFP) and Chip Scale BGA (csBGA) packages ranging from 32 to 176 pins/
balls. Table 1 shows the macrocell, package and I/O options, along with other key parameters.
A user programmable internal oscillator and a timer are included in the device for tasks like LED control, keyboard
scanner and similar housekeeping type state machines. This feature can be optionally disabled to save power.
The ispMACH 4000ZE family has enhanced system integration capabilities. It supports a 1.8V supply voltage and
3.3V, 2.5V, 1.8V and 1.5V interface voltages. Additionally, inputs can be safely driven up to 5.5V when an I/O bank
is configured for 3.3V operation, making this family 5V tolerant. The ispMACH 4000ZE also offers enhanced I/O
features such as slew rate control, PCI compatibility, bus-keeper latches, pull-up resistors, pull-down resistors,
open drain outputs and hot socketing. Pull-up, pull-down and bus-keeper features are controllable on a “per-pin”
basis. The ispMACH 4000ZE family members are 1.8V in-system programmable through the IEEE Standard 1532
interface. IEEE Standard 1149.1 boundary scan testing capability also allows product testing on automated test
equipment. The 1532 interface signals TCK, TMS, TDI and TDO are referenced to VCC (logic core).
Overview
The ispMACH 4000ZE devices consist of multiple 36-input, 16-macrocell Generic Logic Blocks (GLBs) intercon-
nected by a Global Routing Pool (GRP). Output Routing Pools (ORPs) connect the GLBs to the I/O Blocks (IOBs),
which contain multiple I/O cells. This architecture is shown in Figure 1.
Figure 1. Functional Block Diagram
I/O
Block
ORP
ORP
16
OSC
16
36
Generic
Logic
Block
Generic
Logic
Block
I/O
Block
ORP
ORP
16
36
Generic
Logic
Block
Generic
Logic
Block
I/O
Block
I/O
Block
36
36
16
16
16
16
16


Similar Part No. - ISPMACH4128ZE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4128ZC LATTICE-ISPMACH4128ZC Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - ISPMACH4128ZE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com