Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032VE180LJ44 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPLSI2032VE180LJ44
Description  3.3V In-System Programmable High Density SuperFAST??PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VE180LJ44 Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPLSI2032VE180LJ44 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032VE180LJ44 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032VE180LJ44 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032VE180LJ44 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032VE180LJ44 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032VE180LJ44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VE180LJ44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VE180LJ44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VE180LJ44 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Specifications ispLSI 2032VE
4
Switching Test Conditions
Input Pulse Levels
Table 2-0003/2032VE
Input Rise and Fall Time
10% to 90%
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to 3.0V
1.5V
1.5V
See Figure 2
3-state levels are measured 0.5V from
steady-state active level.
≤ 1.5 ns
Output Load Conditions (see Figure 2)
DC Electrical Characteristics
Over Recommended Operating Conditions
Figure 2. Test Load
+ 3.3V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213A/2032VE
TEST CONDITION
R1
R2
CL
A
316Ω
348Ω
35pF
B
348Ω
35pF
316Ω
348Ω
35pF
Active High
Active Low
C
316Ω
348Ω
5pF
348Ω
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2-0004A/2032VE
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. V
= 0.5V was selected to avoid test problems
by tester ground degradation. Characterized but not 100% tested.
2. Measured using two 16-bit counters.
3. Typical values are at V = 3.3V and T = 25°C.
4. Maximum I
varies widely with specific device configuration and operating frequency. Refer to Power Consumption section
of this data sheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to estimate
maximum I
.
5. Unused inputs at V = 0V.
Table 2-0007/2032VE
1
VOH
IIH
IIL
IIL-isp
PARAMETER
IIL-PU
IOS
2, 4, 5
ICC
Output Low Voltage
Output High Voltage
Input or I/O High Leakage Current
Input or I/O Low Leakage Current
BSCAN Input Low Leakage Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
I = 8 mA
I
= -4 mA
V
≤ V ≤ 5.25V
0V ≤ V ≤ V (Max.)
0V ≤ V ≤ V
0V ≤ V ≤ V
V = 3.3V, V
= 0.5V
V = 0.0V, V = 3.0V
f
= 1MHz
OL
OH
IN
IL
IN
IL
IN
IL
CC
OUT
CLOCK
IL
IH
CONDITION
MIN.
TYP.
MAX.
UNITS
3
2.4
80
-300/-225
0.4
10
-10
10
-150
-150
-100
V
V
μA
μA
μA
μA
μA
mA
mA
CC
IL
A
OUT
Others
mA
65
CC
IN
CC
CC
(V
- 0.2)V ≤ V ≤ V
CC
IN
CC


Similar Part No. - ISPLSI2032VE180LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032VE LATTICE-ISPLSI2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LB49 LATTICE-ISPLSI2032VE-110LB49 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LJ44 LATTICE-ISPLSI2032VE-110LJ44 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LT44 LATTICE-ISPLSI2032VE-110LT44 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LT48 LATTICE-ISPLSI2032VE-110LT48 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2032VE180LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com