Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M87C257-45XC1TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # M87C257-45XC1TR
Description  Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257-45XC1TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M87C257-45XC1TR Datasheet HTML 7Page - STMicroelectronics M87C257-45XC1TR Datasheet HTML 8Page - STMicroelectronics M87C257-45XC1TR Datasheet HTML 9Page - STMicroelectronics M87C257-45XC1TR Datasheet HTML 10Page - STMicroelectronics M87C257-45XC1TR Datasheet HTML 11Page - STMicroelectronics M87C257-45XC1TR Datasheet HTML 12Page - STMicroelectronics M87C257-45XC1TR Datasheet HTML 13Page - STMicroelectronics M87C257-45XC1TR Datasheet HTML 14Page - STMicroelectronics M87C257-45XC1TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
M87C257
Maximum rating
11/22
3
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
1.
X = VIH or VIL, VID = 12V ± 0.5V.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature(1)
1.
Depends on range.
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
2.
Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than
20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less
than 20ns.
Input or Output Voltage (except A9)
–2 to 7
V
VCC
Supply Voltage
–2 to 7
V
VA9
(2)
A9 Voltage
–2 to 13.5
V
VPP
Program Supply Voltage
–2 to 14
V
Table 3.
Operating modes
Mode
E
G
A9
ASVPP
Q7-Q0
Read (Latched Address)
VIL
VIL
XVIL
Data Out
Read (Applied Address)
VIL
VIL
XVIH
Data Out
Output Disable
VIL
VIH
XX
Hi-Z
Program
VIL Pulse
VIH
XVPP
Data In
Verify
VIH
VIL
XVPP
Data Out
Program Inhibit
VIH
VIH
XVPP
Hi-Z
Standby
VIH
XX
X
Hi-Z
Electronic Signature
VIL
VIL
VID
VIL
Codes
Table 4.
Electronic signature
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
0
010000
0
20h
Device Code
VIH
1
000000
0
80h


Similar Part No. - M87C257-45XC1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M87C257-45XC1TR STMICROELECTRONICS-M87C257-45XC1TR Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
More results

Similar Description - M87C257-45XC1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
   256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
   256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com