Electronic Components Datasheet Search |
|
XC6365B203ER Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6365B203ER Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 24 page 1/24 XC6365/XC6366 Series PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters ■GENERAL DESCRIPTION The XC6365/XC6366 series are multi-functional step-down DC/DC converters with built-in high speed, low ON resistance drivers. An output current of more than 1A is possible using an externally connected transistor, coil, diode and capacitor. Output voltage is programmable in 0.1V increments between 1.5V to 6.0V (VOUT) (±2.5% accuracy). Further, with 1.0V of standard voltage supply internal and using externally connected components, output voltage can be set up freely (FB). With a 300kHz switching frequency, the size of the external components can be reduced. Control switches from PWM to PFM during light loads with the XC6366 (PWM/PFM switchable) and the series is highly efficient from light loads to large output currents. In relation to soft-start time, both internally set-up 10ms types (A, B) and external resistor or capacitor regulated types (C, D) are available. During stand-by time (CE pin "Low" ), current consumption is reduced to less than 0.5μA. With UVLO internal, the external transistor will be forcibly switched off if used below the stipulated voltage. ■APPLICATIONS ●Electronic information organizers ●Palmtops ●Cellular and portable phones ●Portable audio systems ●Various multi-function power supplies ■TYPICAL APPLICATION CIRCUIT ■FEATURES Input Voltage Range : 2.2V ~ 10V (VOUT type) Output Voltage Range : 1.5V ~ 6.0V programmable in 0.1V increments (±2.5%) Oscillation Frequency : 300kHz (±15%) : Custom products for 180, 500kHz Output Current : More than 1.0A (VIN=5.0V, VOUT=3.0V) High Efficiency : 92% (TYP.) Stand-by Capability : ISTB=0.5μA (MAX.) Soft-start time set-up externally type possible Internally set-up output voltage type possible (VOUT) Externally set-up output voltage type possible (FB) Maximum Duty Ratio : 100% PWM/PFM Switching Control (XC6366) Package : SOT-25, USP-6C ■TYPICAL PERFORMANCE CHARACTERISTICS ☆GreenOperation-Compatible ETR0501_003 |
Similar Part No. - XC6365B203ER |
|
Similar Description - XC6365B203ER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |