Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM6600TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6600TR
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6600TR Datasheet HTML 5Page - STMicroelectronics PM6600TR Datasheet HTML 6Page - STMicroelectronics PM6600TR Datasheet HTML 7Page - STMicroelectronics PM6600TR Datasheet HTML 8Page - STMicroelectronics PM6600TR Datasheet HTML 9Page - STMicroelectronics PM6600TR Datasheet HTML 10Page - STMicroelectronics PM6600TR Datasheet HTML 11Page - STMicroelectronics PM6600TR Datasheet HTML 12Page - STMicroelectronics PM6600TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
PM6600
Electrical characteristics
9/43
4
Electrical characteristics
VIN = 12 V; TA = 0 °C to 85 °C and MODE connected to AVCC unless specified
(1).
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Supply section
VLDO5, VAVCC LDO output and IC supply voltage
EN High,
ILDO5 = 0 mA
4.6
5
5.5
V
IIN,Q
Operating quiescent current
RRILIM = 51 kΩ,
RBILIM = 220 kΩ,
RSLOPE = 680 kΩ
DIM tied to SGND.
1mA
IIN,SHDN
Operating current in shutdown
EN low
20
30
µA
VUVLO,ON
LDO5 under voltage lockout upper
threshold
4.6
4.75
V
VUVLO,OFF
LDO5 under voltage lockout lower
threshold
3.8
4.0
LDO linear regulator
Line regulation
6 V = VIN = 28 V,
ILDO5 = 30 mA
25
mV
LDO dropout voltage
VIN = 4.3 V,
ILDO5 = 10 mA
80
120
LDO maximum output current limit
VLDO5 > VUVLO,ON
25
40
60
mA
VLDO5 < VUVLO,OFF
30
1. TA = TJ. All parameters at operating temperature extremes are guaranteed by design and statistical analysis
(not production tested)


Similar Part No. - PM6600TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PM6600TR ONSEMI-PM6600TR Datasheet
768Kb / 43P
   6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
January 2008 Rev 2
More results

Similar Description - PM6600TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
   6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
January 2017 Rev 2
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
   6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
logo
ON Semiconductor
PM6600 ONSEMI-PM6600 Datasheet
768Kb / 43P
   6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
January 2008 Rev 2
logo
STMicroelectronics
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
   6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
STMicroelectronics
AN2810 STMICROELECTRONICS-AN2810 Datasheet
578Kb / 17P
   6-row 85 mA LED driver with boost
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
Dialog Semiconductor
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
   32-Channel LED Driver for LCD Panel Backlighting
logo
AiT Semiconductor Inc.
A8160A-030 AITSEMI-A8160A-030 Datasheet
735Kb / 14P
   LED BACKLIGHT DRIVER ASYNCHRONIES BOOST FOR 10WLED DRIVER
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com