Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032VE110LJ44I Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPLSI2032VE110LJ44I
Description  3.3V In-System Programmable High Density SuperFAST??PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VE110LJ44I Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPLSI2032VE110LJ44I Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032VE110LJ44I Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032VE110LJ44I Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032VE110LJ44I Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032VE110LJ44I Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VE110LJ44I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VE110LJ44I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VE110LJ44I Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032VE110LJ44I Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Specifications ispLSI 2032VE
6
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
-135
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of 4, 20 PTXOR path, ORP and Y0 clock.
2. Standard 16-bit counter using GRP feedback.
3. Reference Switching Test Conditions section.
Table 2-0030B/2032VE
v.0.1
1
3
2
1
tsu2 + tco1
(
)
-110
MIN.
MAX.
MAX.
DESCRIPTION
#
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
7.5
10.0
ns
tpd2
A
2
Data Propagation Delay
ns
fmax
A
3
Clock Frequency with Internal Feedback
135
111
MHz
fmax (Ext.)
4
Clock Frequency with External Feedback
MHz
fmax (Tog.)
5
Clock Frequency, Max. Toggle
MHz
tsu1
6
GLB Reg. Setup Time before Clock, 4 PT Bypass
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
ns
th1
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
0.0
ns
tsu2
9
GLB Reg. Setup Time before Clock
5.5
ns
tco2
A
10
GLB Reg. Clock to Output Delay
ns
th2
11
GLB Reg. Hold Time after Clock
0.0
ns
tr1
A
12
Ext. Reset Pin to Output Delay, ORP Bypass
ns
trw1
13
Ext. Reset Pulse Duration
5.0
ns
tptoeen
B
14
Input to Output Enable
ns
tptoedis
C
15
Input to Output Disable
ns
tgoeen
B
16
Global OE Output Enable
ns
tgoedis
C
17
Global OE Output Disable
ns
twh
18
External Synchronous Clock Pulse Duration, High
3.0
ns
twl
19
External Synchronous Clock Pulse Duration, Low
3.0
ns
100
167
4.0
4.5
5.5
9.0
12.0
12.0
6.0
6.0
10.0
77.0
125
5.5
0.0
7.5
0.0
6.5
4.0
4.0
13.0
5.0
6.5
12.5
14.5
14.5
7.0
7.0
-180
MIN. MAX.
5.0
180
118
200
3.0
0.0
4.0
0.0
4.0
2.5
2.5
7.5
4.0
5.0
6.0
10.0
10.0
5.0
5.0


Similar Part No. - ISPLSI2032VE110LJ44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032VE LATTICE-ISPLSI2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LB49 LATTICE-ISPLSI2032VE-110LB49 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LJ44 LATTICE-ISPLSI2032VE-110LJ44 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LT44 LATTICE-ISPLSI2032VE-110LT44 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LT48 LATTICE-ISPLSI2032VE-110LT48 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2032VE110LJ44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com