Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL16V8D-20QJI Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL16V8D-20QJI
Description  High Performance E2CMOS PLD Generic Array Logic?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-20QJI Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL16V8D-20QJI Datasheet HTML 7Page - Lattice Semiconductor GAL16V8D-20QJI Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-20QJI Datasheet HTML 9Page - Lattice Semiconductor GAL16V8D-20QJI Datasheet HTML 10Page - Lattice Semiconductor GAL16V8D-20QJI Datasheet HTML 11Page - Lattice Semiconductor GAL16V8D-20QJI Datasheet HTML 12Page - Lattice Semiconductor GAL16V8D-20QJI Datasheet HTML 13Page - Lattice Semiconductor GAL16V8D-20QJI Datasheet HTML 14Page - Lattice Semiconductor GAL16V8D-20QJI Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Specifications GAL16V8D
11
VIL
Input Low Voltage
Vss – 0.5
0.8
V
VIH
Input High Voltage
2.0
Vcc+1
V
IIL1
Input or I/O Low Leakage Current
0V ≤ VIN ≤ VIL (MAX.)
–100
μA
IIH
Input or I/O High Leakage Current
3.5V ≤ VIN ≤ VCC
——
10
μA
VOL
Output Low Voltage
IOL = MAX. Vin = VIL or VIH
0.5
V
VOH
Output High Voltage
IOH = MAX. Vin = VIL or VIH
2.4
V
IOL
Low Level Output Current
L-3/-5 & -7 (Ind. PLCC)
16
mA
L-7 (Except Ind. PLCC)/-10/-15/-25
24
mA
Q-10/-15/-20/-25
IOH
High Level Output Current
–3.2
mA
IOS2
Output Short Circuit Current
VCC = 5V
VOUT = 0.5V T
A= 25°C
–30
–150
mA
Recommended Operating Conditions
Commercial Devices:
Ambient Temperature (T
A) ............................... 0 to 75°C
Supply voltage (V
CC)
with Respect to Ground ..................... +4.75 to +5.25V
Industrial Devices:
Ambient Temperature (T
A) ........................... –40 to 85°C
Supply voltage (V
CC)
with Respect to Ground ..................... +4.50 to +5.50V
Absolute Maximum Ratings(1)
Supply voltage V
CC ...................................... –0.5 to +7V
Input voltage applied .......................... –2.5 to V
CC +1.0V
Off-state output voltage applied ......... –2.5 to V
CC +1.0V
Storage Temperature ................................ –65 to 150°C
Ambient Temperature with
Power Applied ........................................ –55 to 125°C
1.Stresses above those listed under the “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress only ratings and functional operation of the device at
these or at any other conditions above those indicated in the
operational sections of this specification is not implied (while
programming, follow the programming specifications).
DC Electrical Characteristics
Over Recommended Operating Conditions (Unless Otherwise Specified)
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.3
MAX.
UNITS
COMMERCIAL
ICC
Operating Power
VIL = 0.5V VIH = 3.0V
L -3/-5/-7/-10
75
115
mA
Supply Current
ftoggle = 15MHz Outputs Open
L-15/-25
75
90
mA
Q-10/-15/-25
45
55
mA
INDUSTRIAL
ICC
Operating Power
VIL = 0.5V VIH = 3.0V
L -7/-10/-15/-25
75
130
mA
Supply Current
ftoggle = 15MHz Outputs Open
Q -20/-25
45
65
mA
1) The leakage current is due to the internal pull-up resistor on all pins. See Input Buffer section for more information.
2) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems caused by tester
ground degradation. Characterized but not 100% tested.
3) Typical values are at Vcc = 5V and TA = 25 °C


Similar Part No. - GAL16V8D-20QJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8D-20QJI LATTICE-GAL16V8D-20QJI Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8D-20QJI LATTICE-GAL16V8D-20QJI Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-20QJI LATTICE-GAL16V8D-20QJI Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-20QJI LATTICE-GAL16V8D-20QJI Datasheet
767Kb / 26P
   All Devices Discontinued
GAL16V8D-20QJI LATTICE-GAL16V8D-20QJI Datasheet
340Kb / 23P
   High Performance E2CMOS PLD
More results

Similar Description - GAL16V8D-20QJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com