Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPACCLK5316S-01T48I Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPPACCLK5316S-01T48I
Description  In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPACCLK5316S-01T48I Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPPACCLK5316S-01T48I Datasheet HTML 7Page - Lattice Semiconductor ISPPACCLK5316S-01T48I Datasheet HTML 8Page - Lattice Semiconductor ISPPACCLK5316S-01T48I Datasheet HTML 9Page - Lattice Semiconductor ISPPACCLK5316S-01T48I Datasheet HTML 10Page - Lattice Semiconductor ISPPACCLK5316S-01T48I Datasheet HTML 11Page - Lattice Semiconductor ISPPACCLK5316S-01T48I Datasheet HTML 12Page - Lattice Semiconductor ISPPACCLK5316S-01T48I Datasheet HTML 13Page - Lattice Semiconductor ISPPACCLK5316S-01T48I Datasheet HTML 14Page - Lattice Semiconductor ISPPACCLK5316S-01T48I Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Lattice Semiconductor
ispClock5300S Family Data Sheet
11
Performance Characteristics – PLL
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
fREF, fFBK
Reference and feedback input
frequency range
8
267
MHz
tCLOCKHI,
tCLOCKLO
Reference and feedback input
clock HIGH and LOW times
1.25
ns
tRINP,
tFINP
Reference and feedback input
rise and fall times
Measured between 20% and 80%
levels
5ns
fPFD
Phase detector input frequency
range
8
267
MHz
fVCO
VCO operating frequency
160
400
MHz
VDIV
Output divider range (Power of
2)
132
fOUT
Output frequency range
1
Fine Skew Mode
5
267
MHz
Coarse Skew Mode
2.5
200
MHz
tJIT (cc)
Output adjacent-cycle jitter
5
(1000 cycle sample)
fPFD ≥ 100MHz
70
ps (p-p)
tJIT (per)
Output period jitter
5
(10000 cycle sample)
fPFD ≥ 100MHz
9
ps (RMS)
tJIT(φ)
Reference clock to output jitter
5
(2000 cycle sample)
fPFD ≥ 100MHz
50
ps (RMS)
Static phase offset
4
PFD input frequency ≥100MHz
3
-40
100
ps
DYN
Dynamic phase offset
100MHz, Spread Spectrum
Modulation index = 0.5%
28
ps
DCERR
Output duty cycle error
Output type LVCMOS 3.3V
2
fOUT >100 MHz
47
53
%
tPDBYPASS
Reference clock to output
propagation delay
V=1
6.5
ns
tPD_FOB
Reference to output propagation
delay in Non-Zero Delay Buffer
Mode
V=1
2.5
3.5
5
ns
tDELAY
Reference to output delay with
internal feedback mode
3
V=1
500
ps
tLOCK
PLL lock time
From Power-up event
150
µs
From RESET event
15
µs
tRELOCK
PLL relock time
To same reference frequency
15
µs
To different frequency
150
µs
PSR
Power supply rejection, period
jitter vs. power supply noise
fIN = fOUT = 100MHz
VCCA = VCCD = VCCO modulated with
100kHz sinusoidal stimulus
0.05
1. In PLL Bypass mode (PLL_BYPASS = HIGH), output will support frequencies down to 0Hz (divider chain is a fully static design).
2. See Figures 6 and 7 for output loads.
3. Input and outputs LVCMOS mode
4. Inserted feedback loop delay < 7ns
5. Measured with fOUT = 100MHz, fVCO = 400MHz, input and output interface set to LVCMOS.
ps(RMS)
mV(p-p)


Similar Part No. - ISPPACCLK5316S-01T48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPACCLK5510V-01T100C LATTICE-ISPPACCLK5510V-01T100C Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPACCLK5510V-01T100I LATTICE-ISPPACCLK5510V-01T100I Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPACCLK5510V-01T48C LATTICE-ISPPACCLK5510V-01T48C Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPACCLK5510V-01T48I LATTICE-ISPPACCLK5510V-01T48I Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPACCLK5510V-01TN100C LATTICE-ISPPACCLK5510V-01TN100C Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPPACCLK5316S-01T48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5600 LATTICE-ISPCLOCK5600 Datasheet
871Kb / 47P
   In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5600A LATTICE-ISPCLOCK5600A Datasheet
980Kb / 51P
   In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
Integrated Circuit Syst...
ICS95V860 ICST-ICS95V860 Datasheet
85Kb / 10P
   2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com