Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPCLOCK5520 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ISPCLOCK5520
Description  In-System Programmable Clock Generator with Universal Fan-Out Buffer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPCLOCK5520 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ISPCLOCK5520 Datasheet HTML 3Page - Lattice Semiconductor ISPCLOCK5520 Datasheet HTML 4Page - Lattice Semiconductor ISPCLOCK5520 Datasheet HTML 5Page - Lattice Semiconductor ISPCLOCK5520 Datasheet HTML 6Page - Lattice Semiconductor ISPCLOCK5520 Datasheet HTML 7Page - Lattice Semiconductor ISPCLOCK5520 Datasheet HTML 8Page - Lattice Semiconductor ISPCLOCK5520 Datasheet HTML 9Page - Lattice Semiconductor ISPCLOCK5520 Datasheet HTML 10Page - Lattice Semiconductor ISPCLOCK5520 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Lattice Semiconductor
ispClock5500 Family Data Sheet
7
Switching Characteristics – Timing Adders for I/O Modes
Output Rise and Fall Times – Typical Values
1, 2
Adder Type
Base Parameter(s)
Description
Min.
Typ.
Max.
Units
tIOI Input Adders
2
LVTTL_in
Using LVTTL Standard
0
ns
LVCMOS18_in
Using LVCMOS 1.8V Standard
0
ns
LVCMOS25_in
Using LVCMOS 2.5V Standard
0
ns
LVCMOS33_in
Using LVCMOS 3.3V Standard
0
ns
SSTL2_in
Using SSTL2 Standard
0.4
ns
SSTL3_in
Using SSTL3 Standard
0.4
ns
HSTL_in
Using HSTL Standard
0.4
ns
LVDS_in
Using LVDS Standard
1.8
ns
LVPECL_in
Using LVPECL Standard
1.8
ns
tIOO Output Adders
1, 3
LVTTL_out
Output Configured as LVTTL Buffer
0.1
ns
LVCMOS18_out
Output Configured as LVCMOS 1.8V Buffer
0.1
ns
LVCMOS25_out
Output Configured as LVCMOS 2.5V Buffer
0.1
ns
LVCMOS33_out
Output Configured as LVCMOS 3.3V Buffer
0.1
ns
SSTL2_out
Output Configured as SSTL2 Buffer
0.1
ns
SSTL3_out
Output Configured as SSTL3 Buffer
0.1
ns
HSTL_out
Output Configured as HSTL Buffer
0.1
ns
LVDS_out
Output Configured as LVDS Buffer
0.1
ns
LVPECL_out
Output Configured as LVPECL Buffer
0
ns
tIOS Output Slew Rate Adders
1
Slew_1
Output Slew_1 (Fastest)
0
ps
Slew_2
Output Slew_2
330
ps
Slew_3
Output Slew_3
660
ps
Slew_4
Output Slew_4 (Slowest)
1320
ps
1. Measured under standard output load conditions – see Figures 3-5.
2. All input adders referenced to LVTTL.
3. All output adders referenced to LVPECL.
Output Type
Slew 1 (Fastest)
Slew 2
Slew 3
Slew 4 (Slowest)
Units
tR
tF
tR
tF
tR
tF
tR
tF
LVTTL
0.65
0.45
0.85
0.60
1.20
0.90
1.75
1.30
ns
LVCMOS 1.8V
0.90
0.40
1.05
0.50
1.40
0.80
2.00
1.20
ns
LVCMOS 2.5V
0.70
0.40
0.90
0.55
1.20
0.85
1.80
1.20
ns
LVCMOS 3.3V
0.65
0.45
0.85
0.60
1.20
0.90
1.75
1.30
ns
SSTL2
0.65
0.40
0.90
0.60
1.35
0.85
2.30
1.40
ns
SSTL3
0.65
0.40
0.90
0.60
1.35
0.85
2.30
1.40
ns
HSTL
0.85
0.30
1.00
0.50
1.50
0.70
2.55
1.10
ns
LVDS
3
0.25
0.20
——————
ns
LVPECL
3
0.20
0.20
——————
ns
1. See Figures 3-5 for test conditions.
2. Measured between 20% and 80% points.
3. Only the ‘fastest’ slew rate is available in LVDS and LVPECL modes.


Similar Part No. - ISPCLOCK5520

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5300S LATTICE-ISPCLOCK5300S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5304S LATTICE-ISPCLOCK5304S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5308S LATTICE-ISPCLOCK5308S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5312S LATTICE-ISPCLOCK5312S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5316S LATTICE-ISPCLOCK5316S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com