Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPCLOCK5500 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPCLOCK5500
Description  In-System Programmable Clock Generator with Universal Fan-Out Buffer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPCLOCK5500 Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPCLOCK5500 Datasheet HTML 1Page - Lattice Semiconductor ISPCLOCK5500 Datasheet HTML 2Page - Lattice Semiconductor ISPCLOCK5500 Datasheet HTML 3Page - Lattice Semiconductor ISPCLOCK5500 Datasheet HTML 4Page - Lattice Semiconductor ISPCLOCK5500 Datasheet HTML 5Page - Lattice Semiconductor ISPCLOCK5500 Datasheet HTML 6Page - Lattice Semiconductor ISPCLOCK5500 Datasheet HTML 7Page - Lattice Semiconductor ISPCLOCK5500 Datasheet HTML 8Page - Lattice Semiconductor ISPCLOCK5500 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Lattice Semiconductor
ispClock5500 Family Data Sheet
4
Absolute Maximum Ratings
ispClock5500V
Core Supply Voltage VCCD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 5.5V
PLL Supply Voltage VCCA. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 5.5V
JTAG Supply Voltage VCCJ. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 5.5V
Output Driver Supply Voltage VCCO . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 4.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 4.5V
Output Voltage
1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 4.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150°C
Junction Temperature with power supplied . . . . . . . . . . . . . . . . . . . -40 to 130°C
1. When applied to an output when in high-Z condition
Recommended Operating Conditions
Recommended Operating Conditions – VCCO vs. Logic Standard
E
2CMOS Memory Write/Erase Characteristics
Symbol
Parameter
Conditions
ispClock5500V
Units
Min.
Max.
VCCD
Core Supply Voltage
3.0
3.6
V
VCCJ
JTAG I/O Supply Voltage
1.62
3.6
V
VCCA
Analog Supply Voltage
3.0
3.6
V
VCCASLEW
VCCA Turn-on Ramp Rate
0.033
V/µs
TJOP
Operating Junction Temperature
Commercial
0
100
°C
Industrial
-40
115
TA
Ambient Operating Temperature
Commercial
0
70
1
°C
Industrial
-40
85
1
1. Device power dissipation may also limit maximum ambient operating temperature.
VCCO (V)
VREF (V)
VTT (V)
Logic Standard
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
LVTTL
3.0
3.3
3.6
LVCMOS 1.8V
1.71
1.8
1.89
LVCMOS 2.5V
2.375
2.5
2.625
LVCMOS 3.3V
3.0
3.3
3.6
SSTL2 Class 1
2.375
2.5
2.625
1.15
1.25
1.35
VREF - 0.04
VREF + 0.04
SSTL3 Class 1
3.0
3.3
3.6
1.30
1.50
1.70
VREF - 0.05
VREF
VREF + 0.05
HSTL Class 1
1.425
1.5
1.575
0.68
0.75
0.90
0.5 x VCCO
LVPECL (Differential)
3.0V
3.3V
3.6V
LVDS
VCCO = 2.5V
2.375
2.5V
2.625
VCCO = 3.3V
3.0
3.3
3.6
Note: ‘—’ denotes VREF or VTT not applicable to this logic standard
Parameter
Conditions
Min.
Typ.
Max.
Units
Erase/Reprogram Cycles
1000


Similar Part No. - ISPCLOCK5500

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5300S LATTICE-ISPCLOCK5300S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5304S LATTICE-ISPCLOCK5304S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5308S LATTICE-ISPCLOCK5308S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5312S LATTICE-ISPCLOCK5312S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5316S LATTICE-ISPCLOCK5316S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com