Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C21164096LL-70TI Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V62C21164096LL-70TI
Description  256K x 16, 0.20 um CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C21164096LL-70TI Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V62C21164096LL-70TI Datasheet HTML 2Page - Mosel Vitelic, Corp V62C21164096LL-70TI Datasheet HTML 3Page - Mosel Vitelic, Corp V62C21164096LL-70TI Datasheet HTML 4Page - Mosel Vitelic, Corp V62C21164096LL-70TI Datasheet HTML 5Page - Mosel Vitelic, Corp V62C21164096LL-70TI Datasheet HTML 6Page - Mosel Vitelic, Corp V62C21164096LL-70TI Datasheet HTML 7Page - Mosel Vitelic, Corp V62C21164096LL-70TI Datasheet HTML 8Page - Mosel Vitelic, Corp V62C21164096LL-70TI Datasheet HTML 9Page - Mosel Vitelic, Corp V62C21164096LL-70TI Datasheet HTML 10Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
V62C21164096 Rev. 1.6 October 2001
MOSEL VITELIC
V62C21164096
AC Electrical Characteristics
(over all temperature ranges)
Read Cycle
Write Cycle
Parameter
Name
Parameter
70
85
Unit
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
70
85
ns
tAA
Address Access Time
70
85
ns
tACS
Chip Enable Access Time
70
85
ns
tBA
UBE,LBE Access Time
70
85
ns
tOE
Output Enable to Output Valid
35
35
ns
tCLZ
Chip Enable to Output in Low Z
10
10
ns
tBLZ
UBE,LBE to Output in Low Z
10
10
ns
tOLZ
Output Enable to Output in Low Z
5
10
ns
tCHZ
Chip DisabletoOutput in HighZ
0
25
0
30
ns
tOHZ
Output Disable to Output in High Z
0
25
0
30
ns
tBHZ
UBE,LBE to Output in High Z
0
25
0
30
ns
tOH
Output Hold from Address Change
5
10
ns
Parameter
Name
Parameter
70
85
Unit
Min.
Max.
Min.
Max.
tWC
Write Cycle Time
70
85
ns
tCW
Chip Enable to End of Write
60
70
ns
tAS
Address Setup Time
0
0
ns
tAW
Address Valid to End of Write
60
70
ns
tWP
Write Pulse Width
50
60
ns
tWR
Write Recovery Time
0
0
ns
tWHZ
Write to Output High-Z
0
20
0
25
ns
tDW
Data SetuptoEnd of Write
35
40
ns
tDH
Data Hold from End of Write
0
0
ns
tBW
UBE,LBE to End of Write
60
70
ns


Similar Part No. - V62C21164096LL-70TI

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-100T MOSEL-V62C2161024L-100T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-55T MOSEL-V62C2161024L-55T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-70T MOSEL-V62C2161024L-70T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-85T MOSEL-V62C2161024L-85T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C21164096LL-70TI

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2164096 MOSEL-V62C2164096 Datasheet
186Kb / 10P
   256K x 16, 0.17 um CMOS STATIC RAM
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com