Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6109N38ANR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6109N38ANR
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109N38ANR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6109N38ANR Datasheet HTML 4Page - Torex Semiconductor XC6109N38ANR Datasheet HTML 5Page - Torex Semiconductor XC6109N38ANR Datasheet HTML 6Page - Torex Semiconductor XC6109N38ANR Datasheet HTML 7Page - Torex Semiconductor XC6109N38ANR Datasheet HTML 8Page - Torex Semiconductor XC6109N38ANR Datasheet HTML 9Page - Torex Semiconductor XC6109N38ANR Datasheet HTML 10Page - Torex Semiconductor XC6109N38ANR Datasheet HTML 11Page - Torex Semiconductor XC6109N38ANR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
XC6109 Series
+
-
VIN
VOUT
Cd
VSS
Vref
RSEN=R1+R2+R3
Rdelay
R1
R2
R3
M1
M3
M2
M5
M4
VIN
Cd
■OPERATIONAL EXPLANATION (Continued)
Figure 1: Typical application circuit example
Figure 2: The timing chart of Figure 1
Input Voltage: VIN
Release Voltage: VDF+VHYS
Detect Voltage: VDF
Minimum Operating Voltage (0.7V)
Delay Capacitance Pin Voltage: VCD
Delay Capacitance Pin Threshold Voltage: VTCD
Output Pin Voltage: VOUT
④⑤
The circuit which uses the delay
Capacitance pin as power input.
N-ch transictor for the delay
Capacitance discharge.
Delay Capacitor [Cd]


Similar Part No. - XC6109N38ANR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109N3 TOREX-XC6109N3 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6109N3XXNX TOREX-XC6109N3XXNX Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
More results

Similar Description - XC6109N38ANR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com