Electronic Components Datasheet Search |
|
XC6601A09BMR Datasheet(PDF) 6 Page - Torex Semiconductor |
|
XC6601A09BMR Datasheet(HTML) 6 Page - Torex Semiconductor |
6 / 32 page 6/32 XC6601 Series E-0 E-0 OUTPUT VOLTAGE (V) OUTPUT VOLTAGE (V) NOMINAL OUTPUT VOLTAGE (V) VOUT NOMINAL OUTPUT VOLTAGE (V) VOUT VOUT(T) MIN. MAX. VOUT(T) MIN. MAX. 0.70 0.680 0.720 1.30 1.280 1.320 0.75 0.730 0.770 1.35 1.330 1.370 0.80 0.780 0.820 1.40 1.380 1.420 0.85 0.830 0.870 1.45 1.430 1.470 0.90 0.880 0.920 1.50 1.480 1.520 0.95 0.930 0.970 1.55 1.530 1.570 1.00 0.980 1.020 1.60 1.580 1.620 1.05 1.030 1.070 1.65 1.630 1.670 1.10 1.080 1.120 1.70 1.680 1.720 1.15 1.130 1.170 1.75 1.730 1.770 1.20 1.180 1.220 1.80 1.780 1.820 1.25 1.230 1.270 PARAMETER SYNBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage Temperature Characteristics △VOUT/ △Topr・VOUT VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V , IOUT=30mA, - 40℃≦ Topr ≦85℃ - ±100 - ppm/℃ ① Limit Current ILIM VOUT=VOUT(E)×0.95, VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V 400 550 - mA ① Short Current ISHORT VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V, VOUT=0V - 80 - mA ① Thermal Shutdown Detect Temperature TTSD Junction Temperature - 150 - ℃ ① Thermal Shutdown Release Temperature TTSR Junction Temperature - 125 - ℃ ① Hysteresis Width TTSD−TTSR - 25 - ℃ ① CL Auto-Discharge Resistance Rdischg VBIAS=3.6V, VIN= VOUT(T)+0.3V, VCE= VSS, VOUT=VOUT(T) 290 430 610 Ω ① CE "H" Level Voltage VCEH VBIAS=3.6V, VIN= VOUT(T)+0.3V 0.75 - 6.0 V ① CE "L" Level Voltage VCEL VBIAS=3.6V, VIN= VOUT(T)+0.3V - - 0.16 V ① CE "H" Level Current (A Series) 2.4 - 8.0 CE "H" Level Current (B Series) ICEH VBIAS=VCE=6.0V, VIN=VOUT(T)+0.3V -0.1 - 0.1 μA ① CE "L" Level Current ICEL VBIAS=6.0V, VCE=VSS VIN=VOUT(T)+0.3V -0.1 - 0.1 μA ① ■OUTPUT VOLTAGE CHART NOTE: * 1: Please use Bias voltage VBIAS within the range VBIAS –VOUT(E) (*3)≧1.2V * 2: Please use Input voltage VIN within the range VIN≦VBIAS * 3: VOUT(E) = Effective output voltage (Refer to the voltage chart E-0 and E-1) * 4: VOUT (T) = Specified output voltage * 5: E-0 = Please refer to the table named OUTPUT VOLTAGE CHART * 6: E-1 = Please refer to the table named DROPOUT VOLTAGE CHART * 7: Vdif = {VIN1 (*8)-VOUT1(*9)}. * 8: VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased. * 9: VOUT1 = A voltage equal to 98% of the output voltage while maintaining an amply stabilized output voltage when VIN=VBIAS at VBIAS<3.0V, and VIN=3.0V at VBIAS≧3.0V is input to the VIN pin. * 10: IBIASMAX = A supply current at the VBIAS pin providing for the output current (IOUT) . ■ELECTRICAL CHARACTERISTICS (Continued) Ta=25 ℃ |
Similar Part No. - XC6601A09BMR |
|
Similar Description - XC6601A09BMR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |