Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMDKBBA55W-7 Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMDKBBA55W-7
Description  3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKBBA55W-7 Datasheet(HTML) 1 Page - SunLED Corporation

  ZMDKBBA55W-7 Datasheet HTML 1Page - SunLED Corporation ZMDKBBA55W-7 Datasheet HTML 2Page - SunLED Corporation ZMDKBBA55W-7 Datasheet HTML 3Page - SunLED Corporation ZMDKBBA55W-7 Datasheet HTML 4Page - SunLED Corporation ZMDKBBA55W-7 Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : FEB 25 ,2008
Drawing No : SDSA6236
V1
Checked : B.L.LIU
P.1/5
Part Number:
ZMDKBBA55W-7
3.2mm x 1.6mm BI-COLOR SURFACE MOUNT
LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
PRELIMINARY SPEC
Features
3.2mmx1.6mm SMT LED,1.8mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMDKBBA55W-7
Red
InGaAlP
Water Clear
110
497
650
Blue
InGaN
50
148
468
40°
Absolute Maximum Ratings
(TA=25°C)
MDK
(InGaA
lP)
BBA
(InGaN)
Unit
Forward Current
IF
30
30
mA
Forward Current (Peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
185
100
mA
Power Dissipation
PT
75
120
mW
Electrostatic Discharge
Threshold (HBM)
-
1000
V
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Operating Characteristics
(TA=25°C)
MDK
(InGaA
lP)
BBA
(InGaN)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
3.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
4.0
V
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
650
468
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
635
470
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
28
21
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
100
pF
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES


Similar Part No. - ZMDKBBA55W-7

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBA55W-8 SUNLED-ZMDKBBA55W-8 Datasheet
225Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
More results

Similar Description - ZMDKBBA55W-7

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKVG55W-7 SUNLED-ZMDKVG55W-7 Datasheet
218Kb / 5P
   3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
APTF3216PBAVGASUK KINGBRIGHT-APTF3216PBAVGASUK Datasheet
234Kb / 7P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
KPTF-3216PBVGSURKC KINGBRIGHT-KPTF-3216PBVGSURKC Datasheet
197Kb / 6P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
APTF3216SURKCGKPBAC KINGBRIGHT-APTF3216SURKCGKPBAC Datasheet
254Kb / 7P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
APTF3216SEEVGAPBAC KINGBRIGHT-APTF3216SEEVGAPBAC Datasheet
254Kb / 7P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
logo
LUMEX INC.
SML-LX1206IW-TR LUMEX-SML-LX1206IW-TR Datasheet
161Kb / 2P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LXL1206SUGC-TR LUMEX-SML-LXL1206SUGC-TR Datasheet
145Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LXL1307SUGC-TR LUMEX-SML-LXL1307SUGC-TR Datasheet
58Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
OED-CL1307C50-TR LUMEX-OED-CL1307C50-TR Datasheet
64Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LX1206SGW-TR LUMEX-SML-LX1206SGW-TR Datasheet
159Kb / 2P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com