Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2163C51LMR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC2163C51LMR
Description  ICs for use with 3rd Overtone Crystal Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163C51LMR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC2163C51LMR Datasheet HTML 1Page - Torex Semiconductor XC2163C51LMR Datasheet HTML 2Page - Torex Semiconductor XC2163C51LMR Datasheet HTML 3Page - Torex Semiconductor XC2163C51LMR Datasheet HTML 4Page - Torex Semiconductor XC2163C51LMR Datasheet HTML 5Page - Torex Semiconductor XC2163C51LMR Datasheet HTML 6Page - Torex Semiconductor XC2163C51LMR Datasheet HTML 7Page - Torex Semiconductor XC2163C51LMR Datasheet HTML 8Page - Torex Semiconductor XC2163C51LMR Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
XC2163 Series
ICs for use with 3rd Overtone Crystal Oscillators
/INH
"H" or OPEN
"L"(Stand-by)
Q0
Divider Output
High Impedance
PIN
NUMBER
PIN NAME
FUNCTION
1
/INH
Stand-by Control*
2
XT
Crystal Oscillator Connection
(Input)
3
VSS
GND
4
Q0
Clock Output
5
VDD
Power Supply
6
/XT
Crystal Oscillator Connection
(Output)
■GENERAL DESCRIPTION
The XC2163 series are high frequency, low current consumption CMOS ICs with built-in crystal oscillator and divider circuits.
Output is selectable from any one of the following values for f0: f0/1, f0/2, f0/4, f0/8.
With oscillation capacitors and a feedback resistors built-in, it is possible to configure a stable 3rd overtone oscillator using
only an external crystal oscillator.
Also available is an external oscillation capacitor/external oscillation feedback resistor type, which makes oscillation
frequency control possible.
■APPLICATIONS
●Crystal Oscillation Modules
●Computer, DSP Clocks
●Communication Equipment
●Various System Clocks
■PIN CONFIGURATION
■PIN ASSIGNMENT
* Stand-by control pin has a pull-up resistor built-in.
■/INH, Q0 PIN FUNCTION
"H" = High Level
"L" = Low Level
■FEATURES
Oscillation Frequency
: 40MHz ~ 125MHz
(Rf, Cg, Cd internal; 5.0V)
(3rd Overtone)
: 57MHz ~ 125MHz
(Rf, Cg, Cd internal; 3.3V)
: 20MHz ~ 125MHz
(Rf, Cg, Cd external)
Divider Ratio
: Selectable from f0/1, f0/2,
f0/4, f0/8.
Output
: 3-State
Operating Voltage Range : 3.3V
±10%, 5.0V ±10%
Low Current Consumption : Stand-by function included *
CMOS
Built-in Oscillation Capacitor
Built-in Oscillation Feedback Resistor
Ultra Small Package
: SOT-26
* Oscillation continues in stand-by mode
ETR1403_001


Similar Part No. - XC2163C51LMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163C51AML TOREX-XC2163C51AML Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163C51AMR TOREX-XC2163C51AMR Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163C51BML TOREX-XC2163C51BML Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163C51BMR TOREX-XC2163C51BMR Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163C51ZAML TOREX-XC2163C51ZAML Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
More results

Similar Description - XC2163C51LMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com