Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2163D51FMR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2163D51FMR
Description  ICs for use with 3rd Overtone Crystal Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163D51FMR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2163D51FMR Datasheet HTML 1Page - Torex Semiconductor XC2163D51FMR Datasheet HTML 2Page - Torex Semiconductor XC2163D51FMR Datasheet HTML 3Page - Torex Semiconductor XC2163D51FMR Datasheet HTML 4Page - Torex Semiconductor XC2163D51FMR Datasheet HTML 5Page - Torex Semiconductor XC2163D51FMR Datasheet HTML 6Page - Torex Semiconductor XC2163D51FMR Datasheet HTML 7Page - Torex Semiconductor XC2163D51FMR Datasheet HTML 8Page - Torex Semiconductor XC2163D51FMR Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
XC2163 Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: f0/1
D
: f0/2
E
: f0/4
Divider Ratio
F
: f0/8
Output Capacity
5
: 10TTL
Duty Level
1
: CMOS (VDD/2)
*TTL : 20MHz to 37MHz
Z
: External type (refer to table 1)
Frequency Range &
Rf, Cg, Cd Values
A
∼L
: Built-in type (refer to table 2)
Package
M
: SOT-26
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
5.0V TYPE
3.3V TYPE
SYMBOL
FREQUENCY RANGE
Rf
Cg/Cd
FREQUENCY RANGE
Rf
Cg/Cd
108MHz
∼125MHz
1.6k
Ω
10pF
108MHz
∼125MHz
3.9k
Ω
4pF
93MHz
∼110MHz
2.4k
Ω
10pF
95MHz
∼110MHz
2.4k
Ω
7pF
80MHz
∼95MHz
2.4k
Ω
12pF
80MHz
∼97MHz
2.7k
Ω
8pF
68MHz
∼83MHz
2.4k
Ω
15pF
68MHz
∼83MHz
2.7k
Ω
10pF
55MHz
∼70MHz
3.3k
Ω
15pF
58MHz
∼70MHz
3.9k
Ω
10pF
45MHz
∼57MHz
3.3k
Ω
20pF
50MHz
∼60MHz
3.9k
Ω
12pF
35MHz
∼47MHz
3.6k
Ω
24pF
40MHz
∼52MHz
2.4k
Ω
20pF
28MHz
∼37MHz
4.7k
Ω
27pF
33MHz
∼42MHz
3.6k
Ω
20pF
24MHz
∼30MHz
5.6k
Ω
30pF
28MHz
∼35MHz
3.6k
Ω
24pF
20MHz
∼26MHz
6.8k
Ω
33pF
24MHz
∼30MHz
3.9k
Ω
27pF
Z
-
-
-
20MHz
∼26MHz
3.9k
Ω
33pF
5.0V TYPE
3.3V TYPE
SYMBOL
FREQUENCY RANGE
Rf
Cg/Cd
FREQUENCY RANGE
Rf
Cg/Cd
A
-
-
-
108MHz
∼125MHz
1.5k
Ω
5.5pF
B
-
-
-
93MHz
∼110MHz
1.7k
Ω
6.5pF
C
108MHz
∼125MHz
2.2k
Ω
5.5pF
80MHz
∼95MHz
2.2k
Ω
5.5pF
D
95MHz
∼110MHz
2.4k
Ω
6.5pF
72MHz
∼83MHz
2.4k
Ω
6.5pF
E
80MHz
∼97MHz
3.2k
Ω
6.5pF
65MHz
∼75MHz
3.2k
Ω
6.5pF
F
68MHz
∼83MHz
3.7k
Ω
6.5pF
57MHz
∼67MHz
3.7k
Ω
6.5pF
H
55MHz
∼70MHz
4.9k
Ω
7.6pF
-
-
-
K
45MHz
∼57MHz
5.5k
Ω
11.0pF
-
-
-
L
40MHz
∼48MHz
6.5k
Ω
11.0pF
-
-
-
■PRODUCT CLASSIFICATION
●Ordering Information
XC2163
①②③④⑤⑥
Note: We recommend that a damping resistor Rd be added between the /XT pin & the crystal oscillator pin in order
to safeguard the crystal oscillator and improve oscillation stability.
Table 1: Frequency for External Type
Table 2: Frequency for Built-In Type


Similar Part No. - XC2163D51FMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163D51AML TOREX-XC2163D51AML Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163D51AMR TOREX-XC2163D51AMR Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163D51BML TOREX-XC2163D51BML Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163D51BMR TOREX-XC2163D51BMR Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163D51ZAML TOREX-XC2163D51ZAML Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
More results

Similar Description - XC2163D51FMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com