Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0ICAA-001-XTD Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # 0ICAA-001-XTD
Description  High-Speed Low Power CAN Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

0ICAA-001-XTD Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button 0ICAA-001-XTD Datasheet HTML 4Page - AMI SEMICONDUCTOR 0ICAA-001-XTD Datasheet HTML 5Page - AMI SEMICONDUCTOR 0ICAA-001-XTD Datasheet HTML 6Page - AMI SEMICONDUCTOR 0ICAA-001-XTD Datasheet HTML 7Page - AMI SEMICONDUCTOR 0ICAA-001-XTD Datasheet HTML 8Page - AMI SEMICONDUCTOR 0ICAA-001-XTD Datasheet HTML 9Page - AMI SEMICONDUCTOR 0ICAA-001-XTD Datasheet HTML 10Page - AMI SEMICONDUCTOR 0ICAA-001-XTD Datasheet HTML 11Page - AMI SEMICONDUCTOR 0ICAA-001-XTD Datasheet HTML 12Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AMIS-42675 High-Speed Low Power CAN Transceiver
Data Sheet
For Long Networks
Figure 8: Basic Test Set-up for EME
Figure 9: EME Measurements
10 nF
AMIS-
42675
VCC
GND
2
3
CANH
CANL
VSPLIT
5
6
7
PC20071006.3
STB
8
RxD
4
TxD
1
30
Active Probe
100 nF
+5 V
20 pF
Generator
30
6.2 k
47 nF
6.2 k
Spectrum Anayzer
9
AMI Semiconductor
–October 07, Rev. 1.0
www.amis.com
Specifications subject to change without notice


Similar Part No. - 0ICAA-001-XTD

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
0ICAB-001-XTD AMI-0ICAB-001-XTD Datasheet
546Kb / 12P
   High-Speed CAN Transceiver
0ICAB-001-XTP AMI-0ICAB-001-XTP Datasheet
546Kb / 12P
   High-Speed CAN Transceiver
0ICAG-001-XTD AMI-0ICAG-001-XTD Datasheet
527Kb / 12P
   High Speed CAN Transceiver
0ICAG-001-XTP AMI-0ICAG-001-XTP Datasheet
527Kb / 12P
   High Speed CAN Transceiver
0ICAH-002-XTD AMI-0ICAH-002-XTD Datasheet
507Kb / 12P
   High-Speed CAN Transceiver
More results

Similar Description - 0ICAA-001-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_10 Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
logo
AMI SEMICONDUCTOR
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
   High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
NCV7340 ONSEMI-NCV7340_11 Datasheet
142Kb / 11P
   High Speed Low Power CAN Transceiver
October, 2011 ??Rev. 3
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com