Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-42670NGA Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-42670NGA
Description  High-Speed CAN Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-42670NGA Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-42670NGA Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-42670NGA Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-42670NGA Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-42670NGA Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-42670NGA Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-42670NGA Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-42670NGA Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-42670NGA Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-42670NGA Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AMIS-42670 High-Speed CAN Transceiver
Data Sheet
For Long Networks
8.0 Electrical Characteristics
8.1 Definitions
All voltages are referenced to GND (pin 2). Positive currents flow into the IC. Sinking current means the current is flowing into the pin;
sourcing current means the current is flowing out of the pin.
8.2 Absolute Maximum Ratings
Stresses above those listed in the following table may cause permanent device failure. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
Table 4: Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply voltage
-0.3
+7
V
VCANH
DC voltage at pin CANH
0 < VCC < 5.25V; no time limit
-45
+45
V
VCANL
DC voltage at pin CANL
0 < VCC < 5.25V; no time limit
-45
+45
V
VTxD
DC voltage at pin TxD
-0.3
VCC + 0.3
V
VRxD
DC voltage at pin RxD
-0.3
VCC + 0.3
V
VS
DC voltage at pin S
-0.3
VCC + 0.3
V
VREF
DC voltage at pin VREF
-0.3
VCC + 0.3
V
Vtran(CANH)
Transient voltage at pin CANH
Note 1
-150
+150
V
Vtran(CANL)
Transient voltage at pin CANL
Note 1
-150
+150
V
Vesd
Electrostatic discharge voltage at all pins
Note 2
Note 4
-4
-750
+4
+750
kV
V
Latch-up
Static latch-up at all pins
Note 3
100
mA
Tstg
Storage temperature
-55
+155
°C
Tamb
Ambient temperature
-40
+125
°C
Tjunc
Maximum junction temperature
-40
+150
°C
Notes:
1.
Applied transient waveforms in accordance with ISO 7637 part 3, test pulses 1, 2, 3a, and 3b (see Figure 4).
2.
Standardized human body model ESD pulses in accordance to MIL883 method 3015.7.
3.
Static latch-up immunity: static latch-up protection level when tested according to EIA/JESD78.
4.
Standardized charged device model ESD pulses when tested according to EOS/ESD DS5.3-1993.
8.3 Thermal Characteristics
Table 5: Thermal Characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(vj-a)
Thermal resistance from junction to ambient in SO8 package
In free air
150
K/W
Rth(vj-s)
Thermal resistance from junction to substrate of bare die
In free air
45
K/W
5
AMI Semiconductor
– October 07, Rev. 1.0
www.amis.com Specifications subject to change without notice


Similar Part No. - AMIS-42670NGA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
More results

Similar Description - AMIS-42670NGA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com