Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-30522 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-30522
Description  Micro-stepping Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30522 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-30522 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-30522 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-30522 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30522 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30522 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30522 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30522 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30522 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30522 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
AMIS-30522 Micro-stepping Motor Driver
Data Sheet
1.0 Introduction
The AMIS-30522 is a micro-stepping stepper motor driver for bipolar stepper motors. The chip is connected through I/O pins and a SPI
interface with an external microcontroller. It has an on-chip voltage regulator, reset-output and watchdog reset, able to supply peripheral
devices. AMIS-30522 contains a current-translation table and takes the next micro-step depending on the clock signal on the “NXT”
input pin and the status of the “DIR” (=direction) register or input pin. The chip provides a so-called “speed and load angle” output. This
allows the creation of stall detection algorithms and control loops based on load-angle to adjust torque and speed. It is using a
proprietary PWM algorithm for reliable current control.
The AMIS-30522 is implemented in I2T100 technology, enabling both high-voltage analog circuitry and digital functionality on the same
chip. The chip is fully compatible with the automotive voltage requirements.
The AMIS-30522 is ideally suited for general-purpose stepper motor applications in the automotive, industrial, medical, and marine
environment. With the on-chip voltage regulator it further reduces the BOM for mechatronic stepper applications.
2.0 Key Features
Dual H-Bridge for 2-phase stepper motors
Programmable peak-current up to 1.6A using a 5-bit current DAC
On-chip current translator
SPI interface
Speed and load angle output
Seven step modes from full step up to 32 micro-steps
Fully integrated current-sense
PWM current control with automatic selection of fast and slow decay
Low EMC PWM with selectable voltage slopes
Active fly-back diodes
Full output protection and diagnosis
Thermal warning and shutdown
Compatible with 5V and 3.3V microcontrollers
Integrated 5V regulator to supply external microcontroller
Integrated reset function to reset external microcontroller
Integrated watchdog function
3.0 Ordering information
Table 1: Ordering Information
Part No.
Package
Peak Current
Temp. Range
Ordering Code
Tubes
Ordering Code
Tapes
AMIS-30522 ANA
NQFP-32 (7 x 7mm)
1600mA
-40°C…..125°C
0C522-001-XTD
0C522-001-XTP
1
AMI Semiconductor
– June 2007, M-20684-001
www.amis.com


Similar Part No. - AMIS-30522

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30522 ONSEMI-AMIS-30522 Datasheet
982Kb / 29P
   Micro-Stepping Motor Driver
June 2008 ??Rev. 2
AMIS-30522 ONSEMI-AMIS-30522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
More results

Similar Description - AMIS-30522

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com