Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8AF6X8ATAY Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8AF6X8ATAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6X8ATAY Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8AF6X8ATAY Datasheet HTML 5Page - STMicroelectronics STM8AF6X8ATAY Datasheet HTML 6Page - STMicroelectronics STM8AF6X8ATAY Datasheet HTML 7Page - STMicroelectronics STM8AF6X8ATAY Datasheet HTML 8Page - STMicroelectronics STM8AF6X8ATAY Datasheet HTML 9Page - STMicroelectronics STM8AF6X8ATAY Datasheet HTML 10Page - STMicroelectronics STM8AF6X8ATAY Datasheet HTML 11Page - STMicroelectronics STM8AF6X8ATAY Datasheet HTML 12Page - STMicroelectronics STM8AF6X8ATAY Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
STM8AF61xx, STM8AF51xx
Description
9/100
2
Description
The STM8A automotive 8-bit microcontrollers offer from 48 to 128 Kbytes of program
memory and integrated true data EEPROM.
The STM8AF/H51xx series feature a CAN interface.
All devices of the STM8A product line provide the following benefits:
Reduced system cost
Integrated true data EEPROM for up to 300 k write/erase cycles
High system integration level with internal clock oscillators, watchdog and brown-
out reset
Performance and robustness
Peak performance 20 MIPS at 24 MHz and average performance 10 MIPS at 16
MHz CPU clock frequency
Robust I/O, independent watchdogs with separate clock source
Clock security system
Short development cycles
Applications scalability across a common family product architecture with
compatible pinout, memory map and and modular peripherals.
Full documentation and a wide choice of development tools
Product longevity
Advanced core and peripherals made in a state-of-the art technology
Native automotive product family operating both at 3.3 V and 5 V supply
All STM8A and ST7 microcontrollers are supported by the same tools including
STVD/STVP development environment, the STice emulator and a low-cost, third party in-
circuit debugging tool (for more details, see Section 14: STM8 development tools on
page 96).


Similar Part No. - STM8AF6X8ATAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF6126 STMICROELECTRONICS-STM8AF6126 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
STM8AF6146 STMICROELECTRONICS-STM8AF6146 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
STM8AF6148 STMICROELECTRONICS-STM8AF6148 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
STM8AF6166 STMICROELECTRONICS-STM8AF6166 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
STM8AF6168 STMICROELECTRONICS-STM8AF6168 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
More results

Similar Description - STM8AF6X8ATAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
   Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF6388 STMICROELECTRONICS-STM8AF6388 Datasheet
1Mb / 116P
   Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
October 2017 Rev 1
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
   Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
   Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I짼C, 3 to 5.5 V
April 2020
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8AF52AA STMICROELECTRONICS-STM8AF52AA Datasheet
1Mb / 110P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com