Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6213B202MR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6213B202MR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213B202MR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6213B202MR Datasheet HTML 1Page - Torex Semiconductor XC6213B202MR Datasheet HTML 2Page - Torex Semiconductor XC6213B202MR Datasheet HTML 3Page - Torex Semiconductor XC6213B202MR Datasheet HTML 4Page - Torex Semiconductor XC6213B202MR Datasheet HTML 5Page - Torex Semiconductor XC6213B202MR Datasheet HTML 6Page - Torex Semiconductor XC6213B202MR Datasheet HTML 7Page - Torex Semiconductor XC6213B202MR Datasheet HTML 8Page - Torex Semiconductor XC6213B202MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4/28
XC6213 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUITS
Output Voltage
VOUT(E)
IOUT=30mA, CE=VIN
VOUT(T)
x 0.98
VOUT(T)
VOUT(T)
x 1.02
V
VIN=VOUT(T)+1.0V,
VOUT(T)=1.20~1.45V, CE=VIN
100
-
-
VIN=VOUT(T)+1.0V,
VOUT(T)=1.50~2.95V, CE=VIN
120
-
-
VIN=VOUT(T)+1.0V,
VOUT(T)=3.00~4.05V, CE=VIN
150
-
-
Maximum Output Current
IOUTMAX
VIN=VOUT(T)+1.0V,
VOUT(T)=4.10~5.00V, CE=VIN
200
-
-
mA
Load Regulation
△VOUT
VIN=VOUT(T)+1.0V,
1mA≦IOUT≦100mA, CE=VIN
-
15
50
mV
Vdif1
IOUT = 30mA, CE=VIN
E-1
mV
Dropout Voltage
Vdif2
IOUT=100mA, CE=VIN
E-2
mV
Supply Current
ISS
VIN=VOUT(T)+1.0V, CE=VIN
25
35
50
μA
Stand-by Current
Istby
VIN=VOUT(T)+1.0V∼6.0V, CE=VSS
-
0.01
0.10
μA
Line Regulation
△VOUT
△VIN ・ VOUT
VOUT(T)+1.0V≦VIN≦6V
IOUT=30mA, CE=VIN
-
0.01
0.20
%/V
Input Voltage
VIN
-
2.0
-
6.0
V
-
Output Voltage
Temperature Characteristics
△VOUT
△Topr VOUT
IOUT=30mA, CE=VIN
- 40℃≦Topr≦85℃
-
±100
-
ppm/℃
Ripple Rejection Rate
PSRR
VIN=[VOUT(T)+1.0 V] +0.5Vp-pAC
IOUT=50mA, f=10kHz, CE=VIN
-
60
-
dB
Short Circuit Current
Ishort
VIN=VOUT(T) + 1.0V, CE=VIN
-
50
-
mA
CE ‘H’ Level Voltage
VCEH
-
1.3
-
6.0
V
CE ‘L’ Level Voltage
VCEL
-
-
-
0.25
V
CE ‘H’ Level Current
ICEH
VCE = VIN=VOUT(T) + 1.0V
- 0.1
-
0.1
μA
CE ‘L’ Level Current
ICEL
VIN=VOUT(T) +1.0V, VCE =VSS
- 0.1
-
0.1
μA
●XC6213B series
Ta=25℃
NOTE:
*1:
VOUT(T): Setting output voltage
*2:
VOUT(E) = Effective output voltage
(i.e. the output voltage when “VOUT (T) + 1.0V” is provided at the VIN pin while maintaining a certain IOUT value).
*3:
Vdif = { VIN1
(*5) – VOUT1 (*4)}
*4:
VOUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT { VOUT(T) + 1.0V } is input.
*5:
VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased.
*6:
Unless otherwise stated, (VIN = VOUT(T) + 1.0V).
*7:
VOUT(T)<1.45V = Minimum: VOUT(T)-30mV, Maximum: VOUT(T)+30mV
■ELECTRICAL CHARACTERISTICS


Similar Part No. - XC6213B202MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213B30AN TOREX-XC6213B30AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B31AN TOREX-XC6213B31AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B32AN TOREX-XC6213B32AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B33AN TOREX-XC6213B33AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B34AN TOREX-XC6213B34AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
More results

Similar Description - XC6213B202MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com