Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC165TTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # M74HC165TTR
Description  8-bit PISO shift register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC165TTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M74HC165TTR Datasheet HTML 5Page - STMicroelectronics M74HC165TTR Datasheet HTML 6Page - STMicroelectronics M74HC165TTR Datasheet HTML 7Page - STMicroelectronics M74HC165TTR Datasheet HTML 8Page - STMicroelectronics M74HC165TTR Datasheet HTML 9Page - STMicroelectronics M74HC165TTR Datasheet HTML 10Page - STMicroelectronics M74HC165TTR Datasheet HTML 11Page - STMicroelectronics M74HC165TTR Datasheet HTML 12Page - STMicroelectronics M74HC165TTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
M74HC165
Electrical characteristics
9/21
Table 7.
AC electrical characteristics (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
tTLH tTHL
Output transition
time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL
Propagation delay
time
(CLOCK - QH, QH)
2.0
55
150
190
225
ns
4.5
18
30
38
45
6.0
15
26
33
38
tPLH tPHL
Propagation delay
time
(SHIFT/LOAD -
QH, QH)
2.0
65
165
205
250
ns
4.5
21
33
41
50
6.0
18
28
35
43
tPLH tPHL
Propagation delay
time
(H - QH, QH)
2.0
52
135
170
205
ns
4.5
17
27
34
41
6.0
14
23
29
35
fMAX
Maximum clock
frequency
2.0
7.4
15
6.0
4.8
MHz
4.5
37
60
30
24
6.0
44
71
35
28
tW(H)
tW(L)
Minimum pulse
width
(CLOCK)
2.0
24
75
95
110
ns
4.5
6
15
19
22
6.0
5
13
16
19
tW(L)
Minimum pulse
width
(SHIFT/LOAD)
2.0
32
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
ts
Minimum set-up
time
(PI-SHIFT/LOAD)
(SI - CLOCK)
(SHIFT/LOAD -
CK)
2.0
24
75
95
110
ns
4.5
6
15
19
22
6.0
5
13
16
19
th
Minimum hold time
(PI - SHIFT/LOAD)
(SI - CLOCK)
(SHIFT/LOAD -
CK)
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum removal
time
(CLOCK - CK INH)
2.0
20
75
95
110
ns
4.5
5
15
19
22
6.0
4
13
16
19


Similar Part No. - M74HC165TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC165TTR STMICROELECTRONICS-M74HC165TTR Datasheet
475Kb / 12P
   8 BIT PISO SHIFT REGISTER
More results

Similar Description - M74HC165TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC165 STMICROELECTRONICS-M74HC165 Datasheet
475Kb / 12P
   8 BIT PISO SHIFT REGISTER
M54HCT165 STMICROELECTRONICS-M54HCT165 Datasheet
277Kb / 13P
   8 BIT PISO SHIFT REGISTER
M74HC166 STMICROELECTRONICS-M74HC166 Datasheet
506Kb / 12P
   8 BIT PISO SHIFT REGISTER
M54HC166 STMICROELECTRONICS-M54HC166 Datasheet
270Kb / 13P
   8 BIT PISO SHIFT REGISTER
M54HC166 STMICROELECTRONICS-M54HC166_04 Datasheet
334Kb / 11P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com