Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4682 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT4682
Description  Dual Electronic Resettable Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4682 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT4682_06 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4682_06 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4682_06 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4682_06 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4682_06 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4682_06 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4682_06 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4682_06 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4682_06 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Short Circuit Through 0.6
Ω
0
2
4
6
-0.5
0.0
0.5
1.0
1.5
2.0
Time (
μs)
-1
1
3
5
Input Voltage
Output Voltage
Output Current
Short Circuit Through 0.3
Ω
-2
0
2
4
6
-0.5
0.0
0.5
1.0
1.5
2.0
Time (
μs)
-1
1
3
5
7
Input Voltage
Output Voltage
Output Current
R
DS(ON) vs. Temperature
300
350
400
450
500
550
600
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
VIN = 3V
VIN = 5V
Current Limit vs. Output Voltage
0.0
0.2
0.4
0.6
0.8
1.0
01
23
4
5
Output Voltage (V)
Quiescent Current vs. Input Voltage
0
2
4
6
8
10
12
01
2
3
4
5
6
Input Voltage (V)
Quiescent Current vs. Temperature
0
2
4
6
8
10
12
14
16
18
20
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
AAT4682
Dual Electronic Resettable Switch
4682.2006.05.1.2
5


Similar Part No. - AAT4682_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4682IGU-T1 ANALOGICTECH-AAT4682IGU-T1 Datasheet
251Kb / 8P
   Dual Electronic Resettable Switches
logo
Advanced Analog Technol...
AAT4682IGU-T1 AAT-AAT4682IGU-T1 Datasheet
225Kb / 10P
   Dual Electronic Resettable Switch
More results

Similar Description - AAT4682_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4682 AAT-AAT4682 Datasheet
225Kb / 10P
   Dual Electronic Resettable Switch
logo
Advanced Analogic Techn...
AAT4682 ANALOGICTECH-AAT4682 Datasheet
251Kb / 8P
   Dual Electronic Resettable Switches
logo
Advanced Analog Technol...
AAT4680 AAT-AAT4680 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
AAT4680 ANALOGICTECH-AAT4680 Datasheet
279Kb / 8P
   Electronic Resettable Fuse
logo
Hitachi Semiconductor
HD74AC123A HITACHI-HD74AC123A Datasheet
50Kb / 9P
   Dual Retriggerable Resettable Multivibrator
logo
Renesas Technology Corp
HD74AC123A RENESAS-HD74AC123A Datasheet
249Kb / 7P
   Dual Retriggerable Resettable Multivibrator
logo
National Semiconductor ...
9602 NSC-9602 Datasheet
179Kb / 8P
   Dual Retriggerable, Resettable One Shots
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com